Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72PR2KLF Datasheet(PDF) 6 Page - Bi technologies

Part # 72PR2KLF
Description  3/8 Square Single Turn Cermet Trimming Potentiometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

72PR2KLF Datasheet(HTML) 6 Page - Bi technologies

  72PR2KLF Datasheet HTML 1Page - Bi technologies 72PR2KLF Datasheet HTML 2Page - Bi technologies 72PR2KLF Datasheet HTML 3Page - Bi technologies 72PR2KLF Datasheet HTML 4Page - Bi technologies 72PR2KLF Datasheet HTML 5Page - Bi technologies 72PR2KLF Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1-60
Model 72
ORDERING INFORMATION
72 P R 10K LF
Model Series
Pin Style
RoHS Compliant Product Code - Optional
Resistance Value
Resistance Prefix
72 W R 10K LF TB
Pin Style
Packaging Option:
TB = Tubes
(Pin styles P, PM, X, XL, XW, RW)
RoHS Compliant Product Code - Optional
72 RW F R 10K LF TR
Pin Style
Pin Style Suffix:
(Used with AP and TR packaging options.
Applicable to pin style RW only.
"F" designates 0.70" lead length.)
Packaging Option:
AP = Ammo pack
TR = Tape & Reel
(Pin style RW only)
RoHS Compliant Product Code - Optional
72 X T R 10K LF
Pin Style
Adjustment Options:
T = Knob Option
Applicable to pin style X & P only.
E = Extended Rotor Option
Applicable to all pin styles.
RoHS Compliant Product Code - Optional
Standard:
Option:
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees
Option:
Option:


Similar Part No. - 72PR2KLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
72PR10KLF TTELEC-72PR10KLF Datasheet
989Kb / 5P
   SINGLE TURN TRIMMER
More results

Similar Description - 72PR2KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com