Electronic Components Datasheet Search |
|
APTM100SKM90G Datasheet(PDF) 3 Page - Microsemi Corporation |
|
APTM100SKM90G Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 6 page APTM100SKM90G www.microsemi.com 3 – 6 Thermal and package characteristics Symbol Characteristic Min Typ Max Unit Transistor 0.1 RthJC Junction to Case Thermal Resistance Diode 0.55 °C/W VISOL RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz 2500 V TJ Operating junction temperature range -40 150 TSTG Storage Temperature Range -40 125 TC Operating Case Temperature -40 100 °C To heatsink M6 3 5 Torque Mounting torque For terminals M5 2 3.5 N.m Wt Package Weight 280 g SP6 Package outline (dimensions in mm) See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com |
Similar Part No. - APTM100SKM90G |
|
Similar Description - APTM100SKM90G |