Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH8S64DBKG-7 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MH8S64DBKG-7
Description  536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8S64DBKG-7 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MH8S64DBKG-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH8S64DBKG-7 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
MH8S64DBKG -7,-7L,-8,-8L
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
17.Sep.1999
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0340-0.0
PIN FUNCTION
Input
Master Clock:All other inputs are referenced to the ris ing
edge of CK
CKE0, CKE1
Input
Clock Enable:CKE controls internal clock.When CKE is
low,internal clock for the following cycle is ceased. CKE is
also used to select auto / self refresh. After self refresh
mode is started, CKE E becomes asynchronous input.Self
refresh is maintained as long as CKE is low.
/S0, /S1
Input
Chip Select: When /S is high,any command means
No Operation.
/RAS,/CAS,/WE
Input
Combination of /RAS,/CAS,/WE defines basic commands.
A0-11
Input
A0-11 specify the Row/Column Address in conjunction with
BA0,1.The Row Address is specified by A0-11.The Column
Address is specified by A0-7.A10 is also used to indicate
precharge option.When A10 is high at a read / write
command, an auto precharge is performed. When A10 is
high at a precharge command, both banks are precharged.
BA0,1
Input
Bank Address:BA0,1 is not simply BA.BA specifies the
bank to which a command is applied.BA0,1 must be set
with ACT,PRE,READ,WRITE commands
DQ0-63
Input/Output Data In and Data out are referenced to the rising edge
of CK
DQMB0-7
Input
Din Mask/Output Disable:When DQMB is high in burst
write.Din for the current cycle is masked.When DQMB is
high in burst read,Dout is disabled at the next but one cycle.
Vdd,Vss
Power Supply Power Supply for the memory mounted module.
SCL
SDA
Input
Output
Serial clock for serial PD
Serial data for serial PD
6
CLK
(CLK0 ~ CLK1)


Similar Part No. - MH8S64DBKG-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-7L MITSUBISHI-MH8S64DBKG-7L Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH8S64DBKG-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-7 MITSUBISHI-MH8S64BALD-7 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64FFC-10 MITSUBISHI-MH8S64FFC-10 Datasheet
576Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-6 MITSUBISHI-MH8S64DBKG-6 Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64PHC-7 MITSUBISHI-MH8S64PHC-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BMG-7 MITSUBISHI-MH8S64BMG-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKG-7 MITSUBISHI-MH8S64BBKG-7 Datasheet
578Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DALD-6 MITSUBISHI-MH8S64DALD-6 Datasheet
699Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)Synchronous DRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com