Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-74 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-74
Description  1.25 W Non-Isolated Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-74 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-74 Datasheet HTML 1Page - Power Integrations, Inc. DI-74 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
C
6/06
DI-74
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer
construction and circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending
U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart, Clampless, E-Shield,
Filterfuse, PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective
companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Figure 2. Conducted EMI Plot of the Schematic Shown in
Figure 1 for 3 Strings of 4 LED's (10 V, 66.6 mA).
Figure 3. VI Characteristic of the Schematic Shown in
Figure 1.
Key Design Points
• The output is not safety isolated from the input.
• The circuit shown in Figure 1 has a total output current
tolerance of ±12% (including ∆t of 50 °C).
• To prevent noise coupling and to decrease EMI, place the
input filter components physically away from the source
node of the LinkSwitch-TN and L1 inductor. The DC input
filter capacitors C1 and C2 can be placed, as a barrier,
between the AC input and U1/L1.
• Select C4 so that C4 ≥ 20 (15 ms / R3), to provide
adequatefilteringofthecurrentsensevoltage.Valuesabove
50 (15 ms / R3) will yield little improvement in CC
linearity.
• Select C5 based on the acceptable peak current through
the LEDs. Larger values of capacitance reduce peak LED
current. Typical values are 100 nF to 100 µF, low ESR.
With no capacitor the peak output current is equal to the
internal current limit of U1.
• With the values of R1 and R2 shown, the value of R3 is
calculated by R3 = 2 V / I
O.
• The supply's total required output current is determined
by the number of LED strings in the load, and is limited
by the value of L1 and the current limit of U1. For this
circuit, the load should be ≤100 mA and ≤1.25 W total.
1.0
0.15
10.0
100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
Average
Quasi-Peak
0
40
20
60
80
100
120
Output Current (mA)
10
15
5
0
20
25
AC Input = 85 V
AC Input = 265 V


Similar Part No. - DI-74

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
   PoE Detection and Classification (Class 0) Interface Circuit
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
   Low Cost 2.5 W Regulated Charger/Adapter
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
   3.1 W Low Parts Count Power Supply
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
   3 W Adapter: <200 mW No-Load Consumption
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
   Low Cost 1.6 W CV/CC Charger/Adapter
More results

Similar Description - DI-74

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-92 POWERINT-DI-92 Datasheet
539Kb / 2P
   0.5 W Non-Isolated Constant Current LED Driver
logo
Unisonic Technologies
UL96A UTC-UL96A Datasheet
193Kb / 7P
   NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82B UTC-UL82B Datasheet
393Kb / 12P
   NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
   NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82A UTC-UL82A Datasheet
400Kb / 12P
   NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
   NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT9710 MAXIC-MT9710 Datasheet
80Kb / 2P
   Analog Dimmable Non-isolated Constant Current LED Driver
MT9712D MAXIC-MT9712D Datasheet
73Kb / 2P
   Analog Dimmable Non-isolated Constant Current LED Driver
MT9713D MAXIC-MT9713D Datasheet
72Kb / 2P
   Analog Dimmable Non-isolated Constant Current LED Driver
logo
CHIPLINK SEMICONDUCTOR
CL1501 CHIPLINK-CL1501 Datasheet
371Kb / 9P
   Non-isolated step-down LED constant current driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com