Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1486E Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP1486E
Description  5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1486E Datasheet(HTML) 4 Page - Sipex Corporation

  SP1486E Datasheet HTML 1Page - Sipex Corporation SP1486E Datasheet HTML 2Page - Sipex Corporation SP1486E Datasheet HTML 3Page - Sipex Corporation SP1486E Datasheet HTML 4Page - Sipex Corporation SP1486E Datasheet HTML 5Page - Sipex Corporation SP1486E Datasheet HTML 6Page - Sipex Corporation SP1486E Datasheet HTML 7Page - Sipex Corporation SP1486E Datasheet HTML 8Page - Sipex Corporation SP1486E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev J 3/8/2007
SP1486E PROFIBUS/RS485 Transceivers
© Copyright 2007 Sipex Corporation
4
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input Signals: DI, DE, RE
Logic input thresholds
High, Vih
2.0
V
Low, Vil
0.8
Logic Input Current
Ta=25°C, after first transition
±1
μA
Input Hysteresis
Ta=25°C
100
mV
Driver
Differential Driver Output (VOD)
No Load
Vcc
V
Differential Driver Output
Rl=100Ω (RS422)
2.1
Vcc
V
Rl=54Ω (RS485)
2.1
2.7
Vcc
Differential Driver Output
Vcm=-7 to +12V
2.1
2.7
Vcc
Change in Magnitude of Differential Output
Voltage (ΔVOD) (Note 1)
Rl=54 or 100Ω
±0.2
V
Driver Common Mode Output Voltage (Voc)
Rl=54 or 100Ω
3
V
Change in Common Mode Output Voltage
(ΔVOC)
Rl=54 or 100Ω
±0.2
V
Driver Short Circuit Current Limit
-7V≤Vout≤+12V
±250
mA
Receiver
Receiver Input Resistance
-7V≤Vcm≤12V
96
Input Current (A, B pins)
DE=0,
RE=0,
Vcc=0 or
5.5V
Vin=12V
125
Vin=-7V
-100
μA
Receiver Differential Threshold (VA-VB)
-7V≤Vcm≤12V
-200
-125
-40
mV
Receiver Input Hysteresis
25
mV
Receiver
Output
Voltage
Voh
Iout=-8mA, Vid=-40mV
Vcc-1.5
V
Vol
Iout=8mA, Vid=-200mV
0.4
High-Z Receiver Output Current
Vcc=5.5V, 0≤Vout≤Vcc
± 1
μA
Receiver Output Short Circuit Current
0V≤Vro ≤Vcc
± 95
mA
Supply and Protection
Supply
Current
IQ, Active Mode
No load, DI=0 or Vcc
0.30
1
mA
Shutdown Mode
DE=0, RE=Vcc, DI=Vcc or 0
1
μA
Thermal Shutdown Temperature
Junction temperature
165
o
C
Thermal Shutdown Hysteresis
15
Notes:
1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage are the changes in output voltage when DI input changes state.
2. The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns the device does not enter shutdown. If the enable inputs
are held in this state for at least 600ns the device is assured to be in shutdown. In this low power mode most circuitry is disabled and supply current is typically 1nA.
3. Characterized, not 100% tested


Similar Part No. - SP1486E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP1486E EXAR-SP1486E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
SP1486EEN-L EXAR-SP1486EEN-L Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP1486EEN-L/TR EXAR-SP1486EEN-L/TR Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
More results

Similar Description - SP1486E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP3070E EXAR-SP3070E Datasheet
731Kb / 20P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com