Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI-91 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-91
Description  12 W Universal Input CV Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-91 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-91 Datasheet HTML 1Page - Power Integrations, Inc. DI-91 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-91
A
1/06
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power Integrations does
not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (transformer construction and
circuits external to the products) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to
Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, Clampless, E-Shield, Filterfuse,
PI Expert and PI FACTS are trademarks of Power Integrations, Inc. Other trademarks are property of their respective companies.
©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
Figure 3. BP/M Pin OVP Function Shuts Down Power Supply.
Figure 2. Operating Efficiency vs. I
LIMIT+, ILIMIT- and Device Size.
Figure 4. Conducted EMI Scan (Line): 115 VAC, Full Load.
When R8 (optional) is installed, it supplies current to the BP/M
pin,whichreducestheno-loadconsumptionofthesupply. When
R5(alsooptional)isinstalled,thecurrentitfeedsintotheEN/UV
pin of the IC enables the input under-voltage lockout function
(UVLO), and sets the start-up threshold at 65 VAC.
The output voltage is determined by the series sum of the
voltages across VR3, R6, and the LED in U2. The values of
R4 and R6 can be adjusted to fine tune the output voltage of the
supply, and a TL431 can be used in place of VR3, for tighter
output voltage regulation.
Key Design Points
• In the TinySwitch-III family of devices, the MOSFET
current limit can be selected from 3 levels by the value
of capacitance on the BP/M pin. This gives the designer a
number of options, which are shown in Figure 2. First, a
TNY279 could be used, with the current limit of a TNY278,
to obtain higher efficiency. Second, a TNY277 could be
used, with the current limit of a TNY278, to deliver the
same power at a lower efficiency. Lastly, a TNY278 could
be used, with the current limit of a TNY279, to extend the
power capability of the supply*.
• The UVLO function integrated into U1 only enables
MOSFET switching to occur once the current flowing
into the EN/UV pin exceeds 25 µA. Changing the UVLO
threshold voltage requires changing the value of R5 so that
25 µA flows through it at the desired threshold voltage.
• IfoutputOVPisnotrequiredandno-loadpowerconsumption
of 150 mW (max, at 265 VAC input) is acceptable, then R7,
D6, C6, R3 and VR2 can be eliminated and the bias winding
removed from T1, for an even lower parts count.
*Note: This supply was not thermally designed to continuously
deliver the extended power range that could be obtained by
operating a TNY278 with its MOSFET current limit set at that
of a TNY279.
72
70
68
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1
1.3 1.4
1.2
1.5
Output Current (A)
76
74
82
84
86
88
80
78
TNY279 (with I
LIMIT-1)
TNY278 (with std I
LIMIT)
TNY277 (with I
LIMIT+1)
CEC/ENERGY STAR Minimum
TNY278 (with I
LIMIT+1)
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
0
250
500
15
0
Time (ms)


Similar Part No. - DI-91

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-92 POWERINT-DI-92 Datasheet
539Kb / 2P
   0.5 W Non-Isolated Constant Current LED Driver
DI-93 POWERINT-DI-93 Datasheet
429Kb / 2P
   General Purpose 32 W Continuous (81 W Peak) Supply
More results

Similar Description - DI-91

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS12-24005WA-VI-P1 VOLGEN-KTPS12-24005WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
KTPS12-12010WA-VI-P1 VOLGEN-KTPS12-12010WA-VI-P1 Datasheet
492Kb / 3P
   12 Watt Universal Input, Wall Mount Adapter
logo
Power Integrations, Inc...
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
   45 W, Universal Input, LCD Monitor External Adapter
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
   5 W Universal Adapter
DI-13 POWERINT-DI-13 Datasheet
38Kb / 2P
   3 W Universal Adapter
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
   Low Cost 2 W CV Power Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
   Low Cost 1.6 W CV/CC Charger/Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
   Low Cost 2.5 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
   Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
   Low Cost 1.5 W CV/CC Charger or Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com