Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3664 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA3664
Description  Very low dropout voltage/quiescent current 5 V voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3664 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3664 Datasheet HTML 1Page - NXP Semiconductors TDA3664 Datasheet HTML 2Page - NXP Semiconductors TDA3664 Datasheet HTML 3Page - NXP Semiconductors TDA3664 Datasheet HTML 4Page - NXP Semiconductors TDA3664 Datasheet HTML 5Page - NXP Semiconductors TDA3664 Datasheet HTML 6Page - NXP Semiconductors TDA3664 Datasheet HTML 7Page - NXP Semiconductors TDA3664 Datasheet HTML 8Page - NXP Semiconductors TDA3664 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Sep 01
5
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent
current 5 V voltage regulator
TDA3664
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; see Fig.4; unless otherwise specified.
Notes
1. The regulator output will follow VP if VP <VREG +VREG(drop)
2. TDA3664T: VP ≤ 22 V; −40 °C ≤ Tamb ≤ 85 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage
VP
supply voltage
TDA3664
regulator operating; note 1
3
14.4
45
V
TDA3664AT
regulator operating; note 1
3
14.4
45
V
TDA3664T
regulator operating; note 1
3
14.4
33
V
Iq
quiescent current
VP = 4.5 V; IREG =0
10
−µA
VP = 14.4 V; IREG =0
15
30
µA
6V
≤ VP ≤ 22 V; IREG =10mA −
0.2
0.5
mA
6V
≤ VP ≤ 22 V; IREG =50mA −
1.4
2.5
mA
Regulator output: on pin REG (IREG = 0.5 mA), −40 °C ≤ Tamb ≤ 125 °C; note 2
VREG
regulated output voltage
IREG = 0.5 mA,
4.8
5.0
5.2
V
8V
≤ V
P ≤ 22 V, Tamb =25 °C
IREG = 0.5 mA, 8 V ≤ VP ≤ 22 V 4.75
5.0
5.25
V
0.5 mA
≤ I
REG ≤ 100 mA
4.75
5.0
5.25
V
6V
≤ V
P ≤ 45 V; note 2
4.75
5.0
5.25
V
∆V
REG(line)
line regulation voltage
8 V
≤ VP ≤ 16 V, Tamb =25 °C
110
mV
7V
≤ V
P ≤ 22 V, Tamb =25 °C
130
mV
7V
≤ V
P ≤ 45 V; note 2
150
mV
∆V
REG(load)
load regulation voltage
0.5 mA
≤ IREG ≤ 50 mA
10
50
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz; Vripple =1Vrms
50
60
dB
VREG(drop)
dropout voltage
IREG = 50 mA; VP = 4.5 V;
Tamb ≤ 85 °C
0.18
0.3
V
IREG(crl)
current limit
VREG > 4.5 V
0.17
0.25
A
VREG(stab)
long-term stability
20
mV/1000 h
ILO(rp)
output leakage current
with reverse polarity input
VP = −15 V, VREG ≤ 0.3 V
1
500
µA


Similar Part No. - TDA3664

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3664AT NXP-TDA3664AT Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3664TT NXP-TDA3664TT Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
More results

Similar Description - TDA3664

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3668AT PHILIPS-TDA3668AT Datasheet
84Kb / 16P
   Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
2000 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com