Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72PR500KLFTR Datasheet(PDF) 3 Page - Bi technologies

Part # 72PR500KLFTR
Description  3/8 Square Single Turn Cermet Trimming Potentiometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

72PR500KLFTR Datasheet(HTML) 3 Page - Bi technologies

  72PR500KLFTR Datasheet HTML 1Page - Bi technologies 72PR500KLFTR Datasheet HTML 2Page - Bi technologies 72PR500KLFTR Datasheet HTML 3Page - Bi technologies 72PR500KLFTR Datasheet HTML 4Page - Bi technologies 72PR500KLFTR Datasheet HTML 5Page - Bi technologies 72PR500KLFTR Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1
1-57
Model 72
1-57
SIDE ADJUSTMENT (Inch/mm)
.017
± .003
.43
± .08
.100
± .010
2.5
± .3
.100
± .010
2.5
± .3
.050
± .015
1.27
± .38
.100
± .010
2.5
± .3
.187
± .015
4.75
± .38
.386
9.80
3
2
1
Standoffs
Model 72RX - Terminals 1 and 3 are reversed
Model 72X, 72RX
.017
± .003
.43
± .08
.150
± .010
3.8
± .3
.150
± .010
3.8
± .3
.140
± .015
3.56
± .38
.187
± .015
4.75
± .38
3
2
1
Standoffs
Model 72RXW - Terminals 1 and 3 are reversed
.017
± .003
.43
± .08
.100
± .010
2.5
± .3
.100
± .010
2.5
± .3
.100
± .015
2.5
± .38
.187
± .015
4.75
± .38
3
2
1
Standoffs
.140
± .015
3.56
± .38
72RW
72XL, 72RXL
Model 72RXL And 72RW - Terminals 1 and 3 are reversed
Model 72XW, 72RXW
Model 72XL, 72RXL, 72RW


Similar Part No. - 72PR500KLFTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
72PR10KLF TTELEC-72PR10KLF Datasheet
989Kb / 5P
   SINGLE TURN TRIMMER
More results

Similar Description - 72PR500KLFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com