Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78SLBWR250KLF Datasheet(PDF) 4 Page - Bi technologies

Part # 78SLBWR250KLF
Description  1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

78SLBWR250KLF Datasheet(HTML) 4 Page - Bi technologies

  78SLBWR250KLF Datasheet HTML 1Page - Bi technologies 78SLBWR250KLF Datasheet HTML 2Page - Bi technologies 78SLBWR250KLF Datasheet HTML 3Page - Bi technologies 78SLBWR250KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1-64
Model 78
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees
ORDERING INFORMATION
78 P BW R 10K LF
Model Series
Pin Style
RoHS Compliant Code - optional
Resistance Value
Resistance Prefix
Optional Panel
Mount Adapter
Note: Use ‘56BW’ to order panel mount adapter without trimmer
PACKAGING
Standard:
Boxes
Capacity
=
25 Units
STANDARD RESISTANCE VALUES, OHMS
10
200
5K
50K
500K
20
500
10K
100K
1Meg
50
1K
20K
200K
2Meg
100
2K
25K
250K


Similar Part No. - 78SLBWR250KLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
78S05 STMICROELECTRONICS-78S05 Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
logo
Rosenberger Hochfrequen...
78S301-K00L5 ROSENBERGER-78S301-K00L5 Datasheet
42Kb / 2P
   Adaptor 1.6/5.6 PLUG ??JACK - PLUG
logo
National Semiconductor ...
78S40 NSC-78S40 Datasheet
289Kb / 10P
   Universal Switching Regulator Subsystem
logo
ON Semiconductor
78S40 ONSEMI-78S40 Datasheet
124Kb / 8P
   UNIVERSAL SWITCHING REGULATOR SUBSYSTEM
1996 REV 1
logo
Vishay Siliconix
78SHE VISHAY-78SHE Datasheet
410Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)S
01-Jan-2022
More results

Similar Description - 78SLBWR250KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
89PR10KLF BITECH-89PR10KLF_12 Datasheet
72Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89PR10KLF BITECH-89PR10KLF Datasheet
65Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
84PR10KLF BITECH-84PR10KLF Datasheet
57Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
logo
DB Lectro Inc
3006P DBLECTRO-3006P Datasheet
202Kb / 1P
   4.8횞19 Rectangular/Multiturn/Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com