Electronic Components Datasheet Search |
|
XC6104E532 Datasheet(PDF) 11 Page - Torex Semiconductor |
|
XC6104E532 Datasheet(HTML) 11 Page - Torex Semiconductor |
11 / 26 page 11/26 XC6101 ~ XC6107, XC6111~ XC6117 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT 3.13 6.25 9.38 25 50 75 60 100 140 120 200 280 240 400 560 Watchdog Timeout Period (VDF<1.8V) TWD Time until VIN increases form 1.0V to 2.0V and the Reset output pin is released to go into the detection state. (WD=VSS) 960 1600 2240 ms 6 3.13 6.25 9.38 25 50 75 60 100 140 120 200 280 240 400 560 Watchdog Timeout Period (VDF>1.9V) TWD Time until VIN increases form 1.0V to (VDFx1.1V) and the Reset output pin is released to go into the detection state. (WD=VSS) 960 1600 2240 ms 6 Watchdog Minimum Pulse Width TWDIN VIN=6.0V, Apply pulse from 6.0V to 0V to the WD pin. 300 - - ns 7 Watchdog High Level Voltage VWDH VIN=VDF x 1.1V ~ 6.0V VIN x 0.7 - 6 V 7 Watchdog Low Level Voltage VWDL VIN=VDF x 1.1V ~ 6.0V 0 - VIN x 0.3 V 7 VIN=6.0V, VWD=6.0V (Avg. when peak ) - 12 19 Watchdog Input Current IWD VIN=6.0V, VWD=0V (Avg. when peak) - 19 -12 - µA 8 Watchdog Input Resistance RWD VIN=6.0V, VWD=0V, RWD=VIN/ |IWD| 315 500 880 k Ω 8 PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT MRB High Level Voltage VMRH VIN=VDFx1.1V ~ 6.0V 1.4 - VIN 9 MRB Low Level Voltage VMRL VIN=VDFx1.1V ~ 6.0V 0 - 0.35 V 9 MRB Pull-up Resistance RMR VIN=6.0V, MRB=0V, RMR=VIN/ |IMRB| 1.6 2.4 3.0 M Ω 10 MRB Minimum Pulse Width (*3) XC6101~XC6105 XC6111~XC6115 TMRIN VIN=6.0V, Apply pulse from 6.0V to 0V to the MRB pin 2.8 - - MRB Minimum Pulse Width (*4) XC6106, XC6107 XC6116, XC6117 TMRIN VIN=6.0V, Apply pulse from 6.0V to 0V to the MRB pin 1.2 - - µs 11 ● XC6101 ~ XC6103, XC6106 ~ XC6107, XC6111 ~ XC6113, XC6116 ~ XC6117 Series NOTE: *1: VDF(T): Setting detect voltage *2: If only “VDF” is indicated, it represents both VDFL (low when detected) and VDFH (high when detected). *3: Watchdog function is available. *4: Watchdog function is not available. Ta = 25 OC Ta = 25 OC ■ ELECTRICAL CHARACTERISTICS (Continued) ● XC6101~XC6105, XC6111~XC6115 Series |
Similar Part No. - XC6104E532 |
|
Similar Description - XC6104E532 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |