Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3676 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3676
Description  Low dropout voltage/quiescent current 10 V voltage regulator with enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3676 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3676 Datasheet HTML 1Page - NXP Semiconductors TDA3676 Datasheet HTML 2Page - NXP Semiconductors TDA3676 Datasheet HTML 3Page - NXP Semiconductors TDA3676 Datasheet HTML 4Page - NXP Semiconductors TDA3676 Datasheet HTML 5Page - NXP Semiconductors TDA3676 Datasheet HTML 6Page - NXP Semiconductors TDA3676 Datasheet HTML 7Page - NXP Semiconductors TDA3676 Datasheet HTML 8Page - NXP Semiconductors TDA3676 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Feb 01
4
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current
10 V voltage regulator with enable
TDA3676
FUNCTIONAL DESCRIPTION
The TDA3676 is a fixed 10 V regulator which can deliver
output currents up to 100 mA. The regulator is available in
an SO8 package with fused centre pins connected to the
lead frame. The regulator is intended for portable, mains,
telephone and automotive applications. To increase the
lifetime of batteries, a specially built-in clamp circuit keeps
the quiescent current of this regulator very low, also in
dropout and full load conditions.
The regulator remains operating down to very low supply
voltages and below this voltage it switches off.
A temperature protection circuit is included, which
switches off the regulator output at a junction temperature
above 150
°C.
A new output circuit guarantees the stability of the
regulator for a capacitor output circuit with an ESR up to
20
Ω. If only a 100 nF capacitor is used, the regulator is
fully stable when IREG > 200 mA. This is very attractive as
the ESR of an electrolytic capacitor increases strongly at
low temperatures (no expensive tantalum capacitor is
required).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
TDA3676T
33
V
TDA3676AT
45
V
VP(rp)
reverse polarity supply voltage
non-operating
−−25
V
Ptot
total power dissipation
temperature of PCB ground
plane is 25
°C
4.1
W
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
ambient temperature
operating
TDA3676T
−40
+85
°C
TDA3676AT
−40
+125
°C
Tj
junction temperature
operating
−40
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air; soldered
125
K/W
Rth(j-c)
thermal resistance from junction to case
to centre pins; soldered
30
K/W


Similar Part No. - TDA3676

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3672AT PHILIPS-TDA3672AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673AT PHILIPS-TDA3673AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673T PHILIPS-TDA3673T Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
More results

Similar Description - TDA3676

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3675 PHILIPS-TDA3675 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
2000 Feb 01
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com