Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN7002DS36RG Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN7002DS36RG
Description  Dual N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN7002DS36RG Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN7002DS36RG Datasheet HTML 1Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 2Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 3Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 4Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 5Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 6Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 7Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 8Page - SYNC POWER Crop. SPN7002DS36RG Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2006/09/10
Ver.1
Page 1
SPN7002D
Dual N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN7002D is the Dual N-Channel enhancement
mode field effect transistors are produced using high
cell density DMOS technology. These products have
been designed to minimize on-state resistance while
provide
rugged,
reliable,
and
fast
switching
performance. They can be used in most applications
requiring up to 300mA DC and can deliver pulsed
currents up to 1.0A. These products are particularly
suited for low voltage, low current applications such as
small servo motor control, power MOSFET gate
drivers, and other switching applications.
Drivers: Relays, Solenoids, Lamps, Hammers,
Display, Memories, Transistors, etc.
High saturation current capability. Direct
Logic-Level Interface: TTL/CMOS
Battery Operated Systems
Solid-State Relays
FEATURES
PIN CONFIGURATION ( SOT-363 / SC-70-6L )
PART MARKING
60V/0.50A , RDS(ON)= 5.0Ω@VGS=10V
60V/0.30A , RDS(ON)= 5.5Ω@VGS=5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-363 package design


Similar Part No. - SPN7002DS36RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RGB SYNC-POWER-SPN7002DS36RGB Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN7002DS36RG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com