Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN8822ATS8RG Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN8822ATS8RG
Description  Common-Drain Dual N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN8822ATS8RG Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN8822ATS8RG Datasheet HTML 1Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 2Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 3Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 4Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 5Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 6Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 7Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 8Page - SYNC POWER Crop. SPN8822ATS8RG Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2007/06/20
Ver.1
Page 1
SPN8822A
Common-Drain Dual N-Channel
Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN8822A is the Common-Drain Dual N-Channel
logic enhancement mode power field effect transistors are
produced using high cell density , DMOS trench
technology. This high density process is especially
tailored to minimize on-state resistance. These devices
are particularly suited for low voltage application ,
notebook computer power management and other battery
powered circuits where high-side switching .
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION(SOP – 8P)
PART MARKING
20V/5.8A,RDS(ON)=30mΩ@VGS=4.5V
20V/5.0A,RDS(ON)=42mΩ@VGS=2.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
TSSOP – 8P package design


Similar Part No. - SPN8822ATS8RG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPN8822ATS8RG VBSEMI-SPN8822ATS8RG Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
More results

Similar Description - SPN8822ATS8RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN8822 SYNC-POWER-SPN8822 Datasheet
241Kb / 8P
   Common-Drain Dual N-Channel Enhancement Mode MOSFET
SPN8205W SYNC-POWER-SPN8205W Datasheet
265Kb / 7P
   Common-Drain Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTA012A02CDV8 CYSTEKEC-MTA012A02CDV8 Datasheet
443Kb / 9P
   Common Drain Dual N -Channel Enhancement Mode MOSFET
MTDN8233CDV8 CYSTEKEC-MTDN8233CDV8 Datasheet
365Kb / 9P
   Common Drain Dual N -Channel Enhancement Mode MOSFET
MTA012A02CDN6 CYSTEKEC-MTA012A02CDN6 Datasheet
490Kb / 9P
   Common Drain Dual N -Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN8206 SYNC-POWER-SPN8206 Datasheet
368Kb / 8P
   Common-Drain Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN5820Z6 CYSTEKEC-MTDN5820Z6 Datasheet
358Kb / 9P
   20V Common Drain Dual N -Channel Enhancement Mode MOSFET
logo
Alpha & Omega Semicondu...
AO8822 AOSMD-AO8822 Datasheet
118Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field
logo
ACE Technology Co., LTD...
ACE636B ACE-ACE636B Datasheet
505Kb / 5P
   Common Drain Dual N-Channel Enhancement Mode Field Effect
VER 1.2
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
   Common-Drain Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com