Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC25 Datasheet(PDF) 1 Page - TDK Electronics

Part # EPC25
Description  Ferrite Cores For Power Supply and Signal Transformer EPC Cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

EPC25 Datasheet(HTML) 1 Page - TDK Electronics

  EPC25 Datasheet HTML 1Page - TDK Electronics EPC25 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Ferrite Cores
EPC Series
For Power Supply and Signal Transformer
EPC Cores
CORE SHAPES AND DIMENSIONS/CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
WITHOUT AIR GAP
The values were obtained with forward converter mode.
WITHOUT AIR GAP
The values were obtained with forward converter mode.
WITH AIR GAP
XXX: AL-value
Type
Fig.
Dimensions (mm)
Ae
(mm2)
le
(mm)
Weight
(g)
AC
C1
C2
D
EPC10
3
10.2±0.2
3.4±0.1
5±0.1
1.9±0.1
4.05±0.1
9.39
17.8
1.1
EPC13
1
13.25±0.3
4.6±0.15
5.6±0.15
2.05±0.1
6.6±0.2
12.5
30.6
2.1
EPC17
1
17.6±0.4
6±0.15
7.7±0.15
2.8±0.1
8.55±0.2
22.8
40.2
4.5
EPC19
1
19.1±0.4
6±0.15
8.5±0.15
2.5±0.1
9.75±0.2
22.7
46.1
5.3
EPC25
1
25.1±0.5
8±0.2
11.5±0.2
4±0.1
12.5±0.2
46.4
59.2
13
EPC25B
2
25.1±0.5
6.5±0.2
13.8±0.2
2.5±0.15
11.4±0.15
33.3
46.2
11
EPC27
1
27.1±0.5
8±0.2
13±0.3
4±0.1
16±0.2
54.6
73.1
18
EPC27N
4
27±0.4
5.1±0.1
13.85±0.15 2.2±0.1
13±0.1
33
55.9
10
EPC30
1
30.1±0.5
8±0.2
15±0.3
4±0.1
17.5±0.2
61
81.6
23
C1
A
Fig.1
D
C1
A
D
Fig.2
C1
A
Fig.3
C1
A
Fig.4
D
D
U.S.PAT.4,760,366
EP.PAT.245,083(DE,FR,GB,NL)
KS.UM50,836
TW.UM39,406
JP.PENDING
Part No.
AL-value
(nH/N2)
Calculated output
power(W)
PC44EPC10-Z
1000±25%
[1kHz, 0.5mA, 100Ts]
5.4[100kHz]
PC50EPC10-Z
660±25%
[1kHz, 0.5mA, 100Ts]
13[500kHz]
H5C3EPC10-Z
2660min.
[10kHz, 10mV, 100Ts]
PC44EPC13-Z
870±25%
[1kHz, 0.5mA, 100Ts]
8.6[100kHz]
PC50EPC13-Z
560±25%
[1kHz, 0.5mA, 100Ts]
19[500kHz]
H5C3EPC13-Z
2450min.
[10kHz, 10mV, 100Ts]
PC44EPC17-Z
1150±25%
[1kHz, 0.5mA, 100Ts]
20[100kHz]
PC50EPC17-Z
740±25%
[1kHz, 0.5mA, 100Ts]
35[500kHz]
PC44EPC19-Z
940±25%
[1kHz, 0.5mA, 100Ts]
27[100kHz]
PC50EPC19-Z
680±25%
[1kHz, 0.5mA, 100Ts]
55[500kHz]
PC44EPC25-Z
1560±25%
[1kHz, 0.5mA, 100Ts]
63[100kHz]
PC50EPC25-Z
1080±25%
[1kHz, 0.5mA, 100Ts]
127[500kHz]
PC44EPC25B-Z
1560±25%
[1kHz, 0.5mA, 100Ts]
45[100kHz]
PC50EPC25B-Z
1080±25%
[1kHz, 0.5mA, 100Ts]
87[500kHz]
PC44EPC27-Z
1540±25%
[1kHz, 0.5mA, 100Ts]
80[100kHz]
PC50EPC27-Z
1030±25%
[1kHz, 0.5mA, 100Ts]
161[500kHz]
PC44EPC27N-Z
1400±25%
[1kHz, 0.5mA, 100Ts]
43[100kHz]
Part No.
AL-value
(nH/N2)
Calculated output
power (W)
PC44EPC30-Z
1570±25%
[1kHz, 0.5mA, 100Ts]
85[100kHz]
PC50EPC30-Z
1060±25%
[1kHz, 0.5mA, 100Ts]
180[500kHz]
Part No.
AL-value
(nH/N2)[1kHz, 0.5mA, 100Ts]
PC44EPC10AXXX
40±7%, 63±10%
PC50EPC10AXXX
40±7%, 63±10%
PC44EPC13AXXX
40±4%, 63±5%
PC50EPC13AXXX
40±4%, 63±5%
PC44EPC17AXXX
80±4%, 125±5%
PC50EPC17AXXX
80±4%, 125±5%
PC44EPC19AXXX
80±4%, 125±5%
PC50EPC19AXXX
80±4%, 125±5%
PC44EPC25AXXX
125±5%, 200±7%
PC50EPC25AXXX
125±5%, 200±7%
PC44EPC25BAXXX
80±5%, 125±7%
PC50EPC25BAXXX
80±5%, 125±7%
PC44EPC27AXXX
125±5%, 200±7%
PC50EPC27AXXX
125±5%, 200±7%
PC44EPC27NAXXX
80±5%, 125±7%
PC44EPC30AXXX
125±5%, 200±7%
PC50EPC30AXXX
125±5%, 200±7%
EPC-13_TDK.pdf


Similar Part No. - EPC25

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
EPC25-12 ECM-EPC25-12 Datasheet
110Kb / 1P
   Surface Mount HV Transformers
More results

Similar Description - EPC25

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EPC10 YUXIANG-EPC10 Datasheet
100Kb / 2P
   EPC CORES
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
YUXIANG Magnetc materia...
UF8.5 YUXIANG-UF8.5 Datasheet
45Kb / 2P
   UF cores and UI cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
logo
Panasonic Semiconductor
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
   EER CORES. ETD CORES
logo
PREMO CORPORATION S.L
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com