Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3845T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3845T
Description  Quasi split-sound circuit and AM demodulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3845T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3845T Datasheet HTML 3Page - NXP Semiconductors TDA3845T Datasheet HTML 4Page - NXP Semiconductors TDA3845T Datasheet HTML 5Page - NXP Semiconductors TDA3845T Datasheet HTML 6Page - NXP Semiconductors TDA3845T Datasheet HTML 7Page - NXP Semiconductors TDA3845T Datasheet HTML 8Page - NXP Semiconductors TDA3845T Datasheet HTML 9Page - NXP Semiconductors TDA3845T Datasheet HTML 10Page - NXP Semiconductors TDA3845T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
January 1993
7
Philips Semiconductors
Objective specification
Quasi split-sound circuit and AM
demodulator
TDA3845; TDA3845T
AM mode (standard L) note 9
S/N weighted in accordance with CCIR 468-3
V6(RMS)
AF output signal (RMS value)
440
550
660
mV
BAF
AF bandwidth
−3 dB; note 12
0.02
120
kHz
THD
total harmonic distortion
12%
(S +W)/W
signal-to-weighted-noise ratio
note 10
50
56
dB
R6
output resistance
200
−Ω
V6
DC potential
1.8
V
I6(peak)
permissible AC output current
(peak value)
note 7
−−±0.3
mA
I6
permissible DC output current
−−−1mA
Standard switch (note 4)
V7
peak signal AGC (FM mode)
VP1 used
1.8
VP1
V
V7
or switch open-circuit
VP2 used
1.8
5.5
V
V7
mean signal AGC (AM mode)
−−
0.8
V
I7
switch current
at 0 V
−−−200
µA
at VP1
−−
10
µA
at VP2
via a 2.2 k
Ω series resistor
−−
2.5
mA
Ripple rejection (note 13)
AM/AF signal
αRR
voltage ripple on VP/
voltage ripple on output signal
30
40
dB
FM phase noise
∆f(RMS)
intercarrier signal
10
20
Hz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA3845T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3845T PHILIPS-TDA3845T Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
More results

Similar Description - TDA3845T

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
logo
NXP Semiconductors
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
logo
NXP Semiconductors
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
TDA9830 PHILIPS-TDA9830 Datasheet
138Kb / 15P
   TV sound AM-demodulator and audio source switch
June 1994
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com