Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH8S64PHC-7 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH8S64PHC-7
Description  536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8S64PHC-7 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH8S64PHC-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8S64PHC-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
MH8S64PHC -7,-8,-10
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
9/ Dec. /1998
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0282-0.0
DESCRIPTION
The MH8S64PHC is 8388608 - word by 64-bit
Synchronous DRAM module. This consists of four
industry standard 8Mx16 Synchronous DRAMs in
TSOP and one industory standard EEPROM in
TSSOP.
The mounting of TSOP on a card edge Dual Inline
package provides any application where high
densities and large quantities of memory are
required.
This is a socket type - memory modules, suitable for
easy interchange or addition of modules.
FEATURES
Clock frequency 100MHz
single 3.3V±0.3V power supply
Fully synchronous operation referenced to clock rising
edge
Burst length- 1/2/4/8/Full Page(programmable)
4 bank operation controlled by BA0,1(Bank Address)
/CAS latency- 2/3(programmable)
APPLICATION
PC main memory
Auto precharge / All bank precharge controlled by A10
Burst type- sequential / interleave(programmable)
Column access - random
LVTTL Interface
Auto refresh and Self refresh
4096 refresh cycle /64ms
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
1
Utilizes industry standard 8M x 16 Synchronous DRAMs
TSOP and industry standard EEPROM in TSSOP
168-pin (84-pin dual in-line package)
Discrete IC and module design conform to
PC100 specification.
(module Spec. Rev. 1.0 and
SPD 1.2A(-7,-8), SPD1.0(-10))
Frequency
CLK Access Time
-8
100MHz
6.0ns(CL=3)
(Component SDRAM)
6.0ns(CL=3)
100MHz
-7
-10
8.0ns(CL=3)
100MHz


Similar Part No. - MH8S64PHC-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64AQFC-6 MITSUBISHI-MH8S64AQFC-6 Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-6L MITSUBISHI-MH8S64AQFC-6L Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7L MITSUBISHI-MH8S64AQFC-7L Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH8S64PHC-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-7 MITSUBISHI-MH8S64BALD-7 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64FFC-10 MITSUBISHI-MH8S64FFC-10 Datasheet
576Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-6 MITSUBISHI-MH8S64DBKG-6 Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BMG-7 MITSUBISHI-MH8S64BMG-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKG-7 MITSUBISHI-MH8S64BBKG-7 Datasheet
578Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DALD-6 MITSUBISHI-MH8S64DALD-6 Datasheet
699Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)Synchronous DRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com