Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-000013 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # EPR-000013
Description  Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-000013 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  EPR-000013 Datasheet HTML 1Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 2Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 3Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 4Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 5Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 6Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 7Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 8Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
08-May-2001
EPR-000013 – 43 W Multiple Output TOP246 Power Supply
Page 3 of 56
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
15 Appendix A – EP13, 115 VAC Version ...................................................................... 38
15.1
115 VAC Option Power Supply Specification.................................................... 38
15.2
Schematic for EP13 115 VAC-only Version........................................................ 39
15.3
EP13 115 VAC Version Circuit Description ........................................................ 40
15.4
EP13 115 VAC Transformer Drawing ................................................................. 41
15.5
Electrical Specifications .................................................................................... 41
15.6
Materials ........................................................................................................... 42
15.7
Transformer Construction Diagram................................................................... 42
15.8
Winding Instructions.......................................................................................... 43
15.8.1 Shield Foil Assembly ..................................................................................... 44
Secondary Foil Assembly......................................................................................... 44
15.8.3 Design Notes................................................................................................. 44
15.9
EP13 115 VAC Transformer Spreadsheets ........................................................ 45
15.9.1 115 VAC, 60 W Peak Load ............................................................................. 45
15.9.2 115 VAC, 45 W Steady State Load................................................................. 48
15.10 List of Included Parts for 230 VAC-115 VAC Conversion ................................. 51
15.11 EP13 230 VAC-115 VAC Conversion Instructions ............................................ 51
15.11.1 Required Tools and Supplies..................................................................... 51
15.11.2 Conversion Instructions ............................................................................. 51
16 Appendix B Miscellaneous Custom Parts ................................................................ 52
16.1
Secondary Heat Sink ........................................................................................ 52
17 Revision History ....................................................................................................... 53


Similar Part No. - EPR-000013

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-000014 POWERINT-EPR-000014 Datasheet
1Mb / 28P
   Engineering Prototype Report - 3 W Universal Input TinySwitch-II TNY264 Power Supply
More results

Similar Description - EPR-000013

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
EPR-32 POWERINT-EPR-32 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-9 POWERINT-EPR-9 Datasheet
1Mb / 32P
   Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
   Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-000014 POWERINT-EPR-000014 Datasheet
1Mb / 28P
   Engineering Prototype Report - 3 W Universal Input TinySwitch-II TNY264 Power Supply
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com