Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-000013 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # EPR-000013
Description  Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-000013 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  EPR-000013 Datasheet HTML 1Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 2Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 3Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 4Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 5Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 6Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 7Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 8Page - Power Integrations, Inc. EPR-000013 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
EPR-000013 – 43 W Multiple Output TOP246 Power Supply
08-May-2001
Page 4 of 56
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering report describing a 230 VAC input, 5-output flyback
supply utilizing
TOPSwitch®-GX (TOP246Y). The supply is rated for 43 W continuous
output power, with 57 W of peak power capability for starting a disk drive. The design is
optimized for high-end set-top box applications, but is easily adapted for other multiple
output uses such as VCRs, DVD players, cable modems, and direct satellite receivers.
The design kit includes a component kit and instructions for converting the supply to
115 VAC input operation.
This document contains the power supply specification, schematic, and bill of materials,
transformer documentation, printed circuit layout, and performance data.
6.875”
2.56”
1.56”
Figure 1 - EP13 Populated Circuit Board.
Figure 2 - EP13 230 VAC Input to 115 VAC Input Retrofit Kit.


Similar Part No. - EPR-000013

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-000014 POWERINT-EPR-000014 Datasheet
1Mb / 28P
   Engineering Prototype Report - 3 W Universal Input TinySwitch-II TNY264 Power Supply
More results

Similar Description - EPR-000013

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
EPR-32 POWERINT-EPR-32 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-9 POWERINT-EPR-9 Datasheet
1Mb / 32P
   Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
   Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-000014 POWERINT-EPR-000014 Datasheet
1Mb / 28P
   Engineering Prototype Report - 3 W Universal Input TinySwitch-II TNY264 Power Supply
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com