Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEPC-17-119GA Datasheet(PDF) 2 Page - TDK Electronics

Part # BEPC-17-119GA
Description  Ferrite Cores For Power Supply and Signal Transformer EPC Cores
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BEPC-17-119GA Datasheet(HTML) 2 Page - TDK Electronics

  BEPC-17-119GA Datasheet HTML 1Page - TDK Electronics BEPC-17-119GA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
132
980706
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Ferrite Cores
EPC Series
For Power Supply and Signal Transformer
EPC Cores
BOBBINS
SURFACE MOUNT TYPE
DROP-IN TYPE
LEAD-THROUGH TYPE
Clamp material: Stainless steel
• Material: FR phenol, UL Grade: 94V-0, Pin material: Steel wire (Solder plated)
Part No.
No. of lead terminal
Dimensions (mm)
Clamp
WD
H
BEPC-10-118GA
8
11
11.7
5.2
FEPC-10-A
BEPC-13-1110GA
10
14.2
20.6
7.3
FEPC-13-A
BEPC-17-119GA
9
18.2
23.2
9.9
FEPC-17-A
BEPC-19-1110GA
10
20.2
25.2
9.9
FEPC-19-A
BEPC-25B-1111G
11
26.1
28.9
9.9
FEPC-25B-A
Part No.
No. of pin terminal
Dimensions (mm)
Clamp
WD
H
BEPC-19-1110SA
10
20.2
26.2
9.8
FEPC-19-A
BEPC-25B-1111S
11
26
37.9
9.5
FEPC-25B-A
W
W
Part No.
No. of pin terminal
Dimensions (mm)
Clamp
WD
H
BEPC-13-1110CPH
10
13.9
14.8
7.7
FEPC-13-A
BEPC-17-1110CPH
10
18.2
19.1
12.1
FEPC-17-A
BEPC-19-1111CPH
11
20
21.5
12.1
FEPC-19-A
BEPC-25-1111CPH
11
26.1
27
16.2
FEPC-25-A
BEPC-27-1111CPH
11
28.1
34
16.2
FEPC-27-A
BEPC-27N-1114CPH
14
29
36.5
9
FEPC-27-A
BEPC-30-1112CPH
12
31.1
37
16.2
FEPC-30-A
D
W


Similar Description - BEPC-17-119GA

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EPC10 YUXIANG-EPC10 Datasheet
100Kb / 2P
   EPC CORES
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
YUXIANG Magnetc materia...
UF8.5 YUXIANG-UF8.5 Datasheet
45Kb / 2P
   UF cores and UI cores
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
logo
Panasonic Semiconductor
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
YUXIANG Magnetc materia...
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
   EER CORES. ETD CORES
logo
PREMO CORPORATION S.L
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com