Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-16 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 4Page - Power Integrations, Inc. EPR-16 Datasheet HTML 5Page - Power Integrations, Inc. EPR-16 Datasheet HTML 6Page - Power Integrations, Inc. EPR-16 Datasheet HTML 7Page - Power Integrations, Inc. EPR-16 Datasheet HTML 8Page - Power Integrations, Inc. EPR-16 Datasheet HTML 9Page - Power Integrations, Inc. EPR-16 Datasheet HTML 10Page - Power Integrations, Inc. EPR-16 Datasheet HTML 11Page - Power Integrations, Inc. EPR-16 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
EPR-16 - LinkSwitch 2.75 W Charger/Adapter
17-May-04
4 Circuit Description
The schematic shown in Figure 5 provides a CV/CC (constant voltage/constant current)
type output characteristic from a universal input voltage range of 85 VAC to 265 VAC.
The nominal peak power point at the transition from CC to CV is 5.5 V at 500 mA.
The precise output envelope specification is shown in Figure 3.
4.1 Input Stage
The incoming AC is rectified and filtered by D1-4, C1 and C2. Resistor RF1 is a
flameproof fusible type to protect against fault conditions and is a requirement to meet
safety agency fault testing. This component should be a wire wound type to withstand
input current surges while the input capacitors charge on application of power or during
withstand line-transient testing. Metal film type resistors are not recommended, they do
not have the transient dissipation capabilities required and may fail prematurely in the
field.
Lower values increase the resistor dissipation (V²/R power term) during transients,
increasing resistor stress, while higher values increase steady state dissipation (I²R
power term) and reduce efficiency.
If a suitable flame proof resistor cannot be found (during failure flame proof resistors do
not emit flames, smoke or incandescent material that may damage transformer
insulation), then a standard fusible type may be used as long as a protective heat shrink
sleeve is placed over the resistor. Please consult with a safety engineer or local safety
agency.
The value of C1 and C2 were selected to provide the smallest standard values to meet
3
µF/W, in this case two 4.7 µF, 400 V capacitors. Smaller values are possible (either
2.2
µF or 3.3 µF) however, the lower DC rail voltage will increase LinkSwitch dissipation,
lowering efficiency and increasing line frequency output ripple. Differential mode EMI
(<500 kHz) also typically increases.
The input capacitance is split between C1 and C2 to allow an input
π filter to be formed
by L1.
This filters noise associated with the supply to meet EN55022B /
CISPR 22 B and FCC B conducted EMC limits, even when no Y safety capacitor is used.
Ferrite bead L2 is optional, fitted to improve radiated EMI.
Page 8 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com


Similar Part No. - EPR-16

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-12 POWERINT-EPR-12 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP-12 - 145 W PC Forward Converter with TOP247 and 10 W 5 V Output Standby Flyback with TNY266
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
More results

Similar Description - EPR-16

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-73 POWERINT-EPR-73 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-73 - 2.3 W CV/CC Charger/Adapter Using LinkSwitch짰-HF (LNK354P)
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
   Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
   Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com