Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-34 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # EPR-34
Description  Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-34 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  EPR-34 Datasheet HTML 1Page - Power Integrations, Inc. EPR-34 Datasheet HTML 2Page - Power Integrations, Inc. EPR-34 Datasheet HTML 3Page - Power Integrations, Inc. EPR-34 Datasheet HTML 4Page - Power Integrations, Inc. EPR-34 Datasheet HTML 5Page - Power Integrations, Inc. EPR-34 Datasheet HTML 6Page - Power Integrations, Inc. EPR-34 Datasheet HTML 7Page - Power Integrations, Inc. EPR-34 Datasheet HTML 8Page - Power Integrations, Inc. EPR-34 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
EPR-34 – 12 V, 30 W, Universal Input
10-Feb-2004
1
Introduction
This document is an engineering report describing a 12 V, 30 W universal input flyback
power supply, intended as a standard evaluation platform for TOPSwitch-GX.
The document contains the power supply specification, schematic, bill of materials,
transformer documentation, printed circuit board layout, and performance data.
Figure 1 –
EP-34 Populated Circuit Board.
Page 4 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com


Similar Part No. - EPR-34

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-32 POWERINT-EPR-32 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
More results

Similar Description - EPR-34

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-21 POWERINT-EPR-21 Datasheet
1Mb / 32P
   Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-84 POWERINT-EPR-84 Datasheet
5Mb / 28P
   Engineering Prototype Report for EP-84 - <30 mW No-Load Consumption AC-DC Power Supply Using TNY264P
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com