Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-48 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # EPR-48
Description  Engineering Prototype Report for EP48 - 1.4 W Non-Isolated Buck Converter Using LNK304P
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-48 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  EPR-48 Datasheet HTML 1Page - Power Integrations, Inc. EPR-48 Datasheet HTML 2Page - Power Integrations, Inc. EPR-48 Datasheet HTML 3Page - Power Integrations, Inc. EPR-48 Datasheet HTML 4Page - Power Integrations, Inc. EPR-48 Datasheet HTML 5Page - Power Integrations, Inc. EPR-48 Datasheet HTML 6Page - Power Integrations, Inc. EPR-48 Datasheet HTML 7Page - Power Integrations, Inc. EPR-48 Datasheet HTML 8Page - Power Integrations, Inc. EPR-48 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
02-May-2005
EP48 – 12 V, 1.44 W, Non-Isolated Buck Converter
1
Introduction
This document is an engineering report describing a non-isolated 12 V, 120 mA power
supply utilizing a LNK304.
This power supply is intended as a general purpose
evaluation platform for LinkSwitch-TN in a buck converter configuration.
The document contains the power supply specification, schematic, bill of materials,
printed circuit layout, and performance data.
Figure 1 – EP48 Populated Circuit Board Photograph.
Page 3 of 20
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com


Similar Part No. - EPR-48

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-000008 POWERINT-EPR-000008 Datasheet
690Kb / 20P
   Engineering Prototype Report 1.2 W, Universal Input, Non-isolated, TNY254 (EP8)
EPR-000013 POWERINT-EPR-000013 Datasheet
1Mb / 56P
   Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
EPR-000014 POWERINT-EPR-000014 Datasheet
1Mb / 28P
   Engineering Prototype Report - 3 W Universal Input TinySwitch-II TNY264 Power Supply
EPR-00010 POWERINT-EPR-00010 Datasheet
518Kb / 24P
   15W, Universal Input, Single Output, Isolated Converter with TOP233Y
EPR-00011 POWERINT-EPR-00011 Datasheet
1Mb / 46P
   Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
More results

Similar Description - EPR-48

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
   Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
EPR-000008 POWERINT-EPR-000008 Datasheet
690Kb / 20P
   Engineering Prototype Report 1.2 W, Universal Input, Non-isolated, TNY254 (EP8)
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
   Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
   Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
EPR-9 POWERINT-EPR-9 Datasheet
1Mb / 32P
   Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com