Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702P3558 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q62702P3558
Description  Hybride Impuls-Laserdiode mit integrierter Treiberstufe 14 W Spitzenleistung
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62702P3558 Datasheet(HTML) 6 Page - OSRAM GmbH

  Q62702P3558 Datasheet HTML 1Page - OSRAM GmbH Q62702P3558 Datasheet HTML 2Page - OSRAM GmbH Q62702P3558 Datasheet HTML 3Page - OSRAM GmbH Q62702P3558 Datasheet HTML 4Page - OSRAM GmbH Q62702P3558 Datasheet HTML 5Page - OSRAM GmbH Q62702P3558 Datasheet HTML 6Page - OSRAM GmbH Q62702P3558 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2006-04-12
6
SPL LL85
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
GWOY6123
±0.1 (0.004)
4.9 (0.193)
12
3
0.5 (0.020)
2.3 (0.091) ±0.1 (0.004)
±0.2 (0.008)
1.35 (0.053)
Surface
not flat
1.4 (0.055) ±0.15 (0.006)
2
3
1
CC
D
S
G
Laser diode
Trigger
G
V
C
V
FET
GND
Laser Diode
spacing 2.54 (0.100)
0.6 (0.024)
0.4 (0.016)
±0.1 (0.004)
0 (0.000) ±0.1 (0.004)
0 (0.000) ±0.1 (0.004)
0 (0.000) ±0.1 (0.004)
0 (0.000) ±0.1 (0.004)
±0.1 (0.004)
2.4 (0.094)
±0.1 (0.004)
5 (0.197)
LASER COMPONENTS IG, Inc., 9 River Road, Hudson, NH 03051 - USA, Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com


Similar Part No. - Q62702P3558

ManufacturerPart #DatasheetDescription
logo
ams AG
Q62702P3589 AMSCO-Q62702P3589 Datasheet
1Mb / 16P
   Mini-Silicon NPN Phototransistor
Version 1.4 2023-06-06
More results

Similar Description - Q62702P3558

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLDS90-3 OSRAM-SPLDS90-3 Datasheet
203Kb / 7P
   Nanostack Impuls - Laserdiode
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
   Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
logo
Roithner LaserTechnik G...
RLT9005MG ROITHNER-RLT9005MG Datasheet
36Kb / 1P
   Infrared Laserdiode
RLT80805MG ROITHNER-RLT80805MG Datasheet
42Kb / 1P
   Infrared Laserdiode
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
RLT9810G ROITHNER-RLT9810G Datasheet
61Kb / 1P
   Infrared Laserdiode
RLT1550-5G ROITHNER-RLT1550-5G Datasheet
54Kb / 1P
   Infrared Laserdiode
RLT1550-10G ROITHNER-RLT1550-10G Datasheet
52Kb / 1P
   Infrared Laserdiode
RLT7605MG ROITHNER-RLT7605MG Datasheet
52Kb / 1P
   Infrared Laserdiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com