Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320TCI6482 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320TCI6482
Description  Communications Infrastructure Digital Signal Processor
Download  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320TCI6482 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320TCI6482 Datasheet HTML 1Page - Texas Instruments TMS320TCI6482 Datasheet HTML 2Page - Texas Instruments TMS320TCI6482 Datasheet HTML 3Page - Texas Instruments TMS320TCI6482 Datasheet HTML 4Page - Texas Instruments TMS320TCI6482 Datasheet HTML 5Page - Texas Instruments TMS320TCI6482 Datasheet HTML 6Page - Texas Instruments TMS320TCI6482 Datasheet HTML 7Page - Texas Instruments TMS320TCI6482 Datasheet HTML 8Page - Texas Instruments TMS320TCI6482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 255 page
background image
www.ti.com
1.3
Functional Block Diagram
MDIO
EMAC
10/100/1000
Serial Rapid
I/O
DDR2
Mem Ctlr
Device
Configuration
Logic
64
L1P SRAM/Cache Direct-Mapped
32K Bytes
L1D SRAM/Cache
2-Way
Set-Associative
32K Bytes Total
TCI6482
PLL1 and
PLL1
Controller
EMIFA
HI
Boot Configuration
I/O Devices
UTOPIA(B)
VCP2
I2C
GPIO16(B)
16
McBSP0(A)
RSA
RSA
RMGII(D)
L2
Cache
Memory
2096K
Bytes
L2 ROM
32K
Bytes(E)
TCP2
McBSP1(A)
HPI (32/16)(B)
A. McBSPs: Framing Chips − H.100, MVIP, SCSA, T1, E1; AC97 Devices; SPI Devices; Codecs
B. The PCI peripheral pins are muxed with some of the HPI peripheral pins and the UTOPIA address pins. For more detailed information, see the Device
Configuration section of this document.
C. Each of the TIMER peripherals (TIMER1 and TIMER0) is configurable as either two 64-bit general-purpose timers or two 32-bit general-purpose
timers or a watchdog timer.
D. The PLL2 controller also generates clocks for the EMAC.
E. When accessing the internal ROM of the DSP, the CPU frequency must always be less than 750 MHz.
DDR2 SDRAM
32
LO
Timer1(C)
HI
LO
Timer0(C)
PCI66(B)
VLYNQ
PLL2 and
PLL2
Controller(D)
GMII
RMII
MII
EDMA 3.0
C64x+ DSP Core
Data Path B
B Register File
B31−B16
B15−B0
Instruction Fetch
Data Path A
A Register File
A31−A16
A15−A0
.L1
.S1
.M1
xx
xx
.D1
.D2
.M2
xx
xx
.S2
.L2
M
e
g
a
m
o
d
u
l
e
L1P Memory Controller (Memory Protect/Bandwidth Mgmt)
Instruction
Decode
16-/32-bit
Instruction Dispatch
Control Registers
In-Circuit Emulation
SPLOOP Buffer
L1D Memory Controller (Memory Protect/Bandwidth Mgmt)
Secondary
Switched Central
Resource
TMS320TCI6482
Communications Infrastructure Digital Signal Processor
SPRS246F – APRIL 2005 – REVISED MAY 2007
Figure 1-2 shows the functional block diagram of the TCI6482 device.
Figure 1-2. Functional Block Diagram
Features
4
Submit Documentation Feedback


Similar Part No. - TMS320TCI6482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6482 TI1-TMS320TCI6482 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ TI1-TMS320TCI6482DZTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ2 TI1-TMS320TCI6482DZTZ2 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZA TI1-TMS320TCI6482DZTZA Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results

Similar Description - TMS320TCI6482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com