Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C3232DBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C3232DBR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C3232DBR Datasheet(HTML) 1 Page - Texas Instruments

  SN75C3232DBR Datasheet HTML 1Page - Texas Instruments SN75C3232DBR Datasheet HTML 2Page - Texas Instruments SN75C3232DBR Datasheet HTML 3Page - Texas Instruments SN75C3232DBR Datasheet HTML 4Page - Texas Instruments SN75C3232DBR Datasheet HTML 5Page - Texas Instruments SN75C3232DBR Datasheet HTML 6Page - Texas Instruments SN75C3232DBR Datasheet HTML 7Page - Texas Instruments SN75C3232DBR Datasheet HTML 8Page - Texas Instruments SN75C3232DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN65C3232, SN75C3232
3V TO 5.5V MULTICHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS540B − JULY 2002 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operate With 3-V to 5.5-V VCC Supply
D Operate Up To 1 Mbit/s
D Low Supply Current . . . 300 µA Typ
D External Capacitors ...4 × 0.1 µF
D Accept 5-V Logic Input With 3.3-V Supply
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
D Applications
− Battery-Powered Systems, PDAs,
Notebooks, Laptops, Palmtop PCs, and
Hand-Held Equipment
description/ordering information
The SN65C3232 and SN75C3232 consist of two line drivers, two line receivers, and a dual charge-pump circuit
with
±15-kV ESD protection pin to pin (serial-port connection pins, including GND). These devices provide the
electrical interface between an asynchronous communication controller and the serial-port connector. The
charge pump and four small external capacitors allow operation from a single 3-V to 5.5-V supply. The devices
operate at data signaling rates up to 1 Mbit/s and a driver output slew rate of 24 V/
µs to 150 V/µs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 40
SN65C3232D
65C3232
SOIC − D
Reel of 2500
SN65C3232DR
65C3232
SOIC − DW
Tube of 40
SN65C3232DW
65C3232
−40
°C to 85°C
SOIC − DW
Reel of 2000
SN65C3232DWR
65C3232
−40 C to 85 C
SSOP − DB
Reel of 2000
SN65C3232DBR
65C3232
TSSOP − PW
Tube of 90
SN65C3232PW
CB3232
TSSOP − PW
Reel of 2000
SN65C3232PWR
CB3232
SOIC − D
Tube of 40
SN75C3232D
75C3232
SOIC − D
Reel of 2500
SN75C3232DR
75C3232
SOIC − DW
Tube of 40
SN75C3232DW
75C3232
0
°C to 70°C
SOIC − DW
Reel of 2000
SN75C3232DWR
75C3232
0 C to 70 C
SSOP − DB
Reel of 2000
SN75C3232DBR
75C3232
TSSOP − PW
Tube of 90
SN75C3232PW
CA3232
TSSOP − PW
Reel of 2000
SN75C3232PWR
CA3232
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75C3232DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C3232DBR TI-SN75C3232DBR Datasheet
308Kb / 14P
[Old version datasheet]   3V TO 5.5 V MULTICHANNEL RS--S3S COMPATIBLE LINE DRIVER/RECEIVER
SN75C3232DBR TI-SN75C3232DBR Datasheet
315Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3232DBRE4 TI-SN75C3232DBRE4 Datasheet
308Kb / 14P
[Old version datasheet]   3V TO 5.5 V MULTICHANNEL RS--S3S COMPATIBLE LINE DRIVER/RECEIVER
SN75C3232DBRE4 TI-SN75C3232DBRE4 Datasheet
315Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - SN75C3232DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3243 TI1-SN65C3243_15 Datasheet
889Kb / 21P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com