Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84WR500KLFTR Datasheet(PDF) 2 Page - Bi technologies

Part # 84WR500KLFTR
Description  1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

84WR500KLFTR Datasheet(HTML) 2 Page - Bi technologies

  84WR500KLFTR Datasheet HTML 1Page - Bi technologies 84WR500KLFTR Datasheet HTML 2Page - Bi technologies 84WR500KLFTR Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIDE ADJUSTMENT (Inch/mm)
Standard Marking
On This Surface
3x
.100
2.54
.100
2.54
.100
2.54
.100
2.54
.040
± .015
1.02
± 0.38
.210
± .015
5.33
± 0.38
.250
± .020
6.35
± 0.51
.040
± .010
1.02
± 0.25
3x
.105
± .015
2.67
± 0.38
3x
Recommend PCB Layout - Model 84P
.125
± .015
3.18
± 0.38
3x
.040
± .015
1.02
± 0.38
.375
± .015
9.53
± 0.13
CL
(2)
(3)
(1)
(3)
(1)
(2)
(1)
(2)
(3)
Model 84P
Model 84
1-74
TOP ADJUSTMENT (Inch/mm)
Housing: Molded Plastic
Terminal Pins:
Solderable
Metal Adjustment Screw
Standard Marking
On This Surface
3x
Min.
With
.005
0.13
Min. Wide x
.020
0.51
Min. Depth
.020
0.51
.100
2.54
.100
2.54
.070
± .015
1.78
± 0.38
.295
± .015
7.49
± 0.38
.040
± .015
1.02
± 0.38
.250
± .020
6.35
± 0.51
.050
± .010
1.27
± 0.25
.040
± .010
1.02
± 0.25
.170
± .015
4.32
± 0.38
.070
± .005
1.78
± 0.13
3x
.040
± .015
1.02
± 0.38
3x
.018
± .002
0.46
± .051
CL
CL
(1)
(2)
(3)
Model 84W
SIDE ADJUSTMENT (Inch/mm)
.100
2.54
.100
2.54
3x
.040
± .015
1.02
± 0.38
.100
2.54
.100
2.54
3x
.040
± .015
1.02
± 0.38
3x
Recommended PCB Layout - Models 84W and 84X
.110
± .015
2.80
± 0.38
.295
± .005
7.49
± 0.13
CL
.050
± .010
1.27
± 0.25
(1)
(2)
(3)
Standard Marking
On This Surface
.040
± .010
1.02
± 0.25
(2)
(1)
(3)
Model 84X
Note: Model 84W dimensions applicable to all models
except as noted.


Similar Description - 84WR500KLFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com