Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-86 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # EPR-86
Description  Engineering Prototype Report for EP 86 - 6.6 W Multi-Class Powered Device (PD) for Power over Ethernet (PoE) Using DPA-Switch-(DPA423G)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-86 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button EPR-86 Datasheet HTML 5Page - Power Integrations, Inc. EPR-86 Datasheet HTML 6Page - Power Integrations, Inc. EPR-86 Datasheet HTML 7Page - Power Integrations, Inc. EPR-86 Datasheet HTML 8Page - Power Integrations, Inc. EPR-86 Datasheet HTML 9Page - Power Integrations, Inc. EPR-86 Datasheet HTML 10Page - Power Integrations, Inc. EPR-86 Datasheet HTML 11Page - Power Integrations, Inc. EPR-86 Datasheet HTML 12Page - Power Integrations, Inc. EPR-86 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
13-Apr-2006
EP-86 – 6.6 W, 3.3 V, 2 A PoE Powered Device
Page 9 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Q2 is on, and sinks additional current from the resistor (R5) that connects the L pin to the
DC input voltage. The value of R14 was selected so that an extra 10 µA is drawn at
startup, which increases the turn-on threshold voltage to 41 VDC typical. However,
because Q2 turns off after start-up, the UV turn-off threshold stays at 34 VDC (see DI-
101 for more details).
Figure 7 –
L-pin current without and with the widened UV hysteresis circuit.


Similar Part No. - EPR-86

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-84 POWERINT-EPR-84 Datasheet
5Mb / 28P
   Engineering Prototype Report for EP-84 - <30 mW No-Load Consumption AC-DC Power Supply Using TNY264P
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
   Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
More results

Similar Description - EPR-86

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
   Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
   Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
logo
Monolithic Power System...
MP8001 MPS-MP8001 Datasheet
238Kb / 8P
   15W Power Over Ethernet PoE Powered Device (PD) Controller
logo
Power Integrations, Inc...
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
   Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com