Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1708ILQ Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1708ILQ
Description  1515W Stereo Filterless Class-D Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1708ILQ Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1708ILQ Datasheet HTML 1Page - Microsemi Corporation LX1708ILQ Datasheet HTML 2Page - Microsemi Corporation LX1708ILQ Datasheet HTML 3Page - Microsemi Corporation LX1708ILQ Datasheet HTML 4Page - Microsemi Corporation LX1708ILQ Datasheet HTML 5Page - Microsemi Corporation LX1708ILQ Datasheet HTML 6Page - Microsemi Corporation LX1708ILQ Datasheet HTML 7Page - Microsemi Corporation LX1708ILQ Datasheet HTML 8Page - Microsemi Corporation LX1708ILQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LX1708
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2004
Rev.1.2, 2007-01-05
15+15W Stereo Filterless Class-D Amplifier
TM
®
SY STEM MODULE CHARACT ER ISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40°C < TA < 85°C except where
otherwise noted and the following test conditions: PVDD = 12V, PVSS = AVSS = 0V, V5V = 5V, ROSC = 25KΩ, RL = 4Ω.
LX1708
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
AUDIO CHARACTERISTICS
THD+N < 1%
12
Output Power Stereo
PO
THD+N <10%
15
W
POUT = 50% of Maximum Power, FIN = 1KHz
with diodes
0.2
POUT = 50% of Maximum Power, FIN = 1KHz
No diodes
0.7
Total Harmonic Distortion Stereo
THD+N
POUT = 1W, FIN = 20Hz~20KHz
0.4
%
Power Efficiency
POUT = Max, THD+N < 1%
90
%
Channel Crosstalk
VXTALK
POUT = 1W, F = 1KHz
-60
dB
Audio Bandwidth
BW
POUT = 1W, F = 20-20KHz
3
dB
High
VIN = 200mVRMS, F = 20Hz~20KHz
20
Stage Gain Stereo
Low
VIN = 2VRMS, F = 20Hz~20Khz
0.01
V/V
Mute Output
VMUTE
Input short, system muted, stereo
-60
dB
Signal to Noise Ratio
SNR
FIN = 1KHz @ 20Hz-20KHz non A-weighted
90
dB
Output Noise Floor
VN
Input short, non A-weighted @ 20Hz-20KHz
200
µVRMS
Common Mode Rejection Ratio
CMRR
55
dB
Output Short Circuit Protection
TSENSE
Thermal Shutdown Mode
150
°C


Similar Part No. - LX1708ILQ

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX170 LUMINIS-LX170 Datasheet
95Kb / 2P
   Pedestal mount
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
More results

Similar Description - LX1708ILQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Microsemi Corporation
LX1705 MICROSEMI-LX1705 Datasheet
373Kb / 17P
   88W Stereo Filterless Class-D Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com