Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1708ILQ Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1708ILQ
Description  1515W Stereo Filterless Class-D Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1708ILQ Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1708ILQ Datasheet HTML 1Page - Microsemi Corporation LX1708ILQ Datasheet HTML 2Page - Microsemi Corporation LX1708ILQ Datasheet HTML 3Page - Microsemi Corporation LX1708ILQ Datasheet HTML 4Page - Microsemi Corporation LX1708ILQ Datasheet HTML 5Page - Microsemi Corporation LX1708ILQ Datasheet HTML 6Page - Microsemi Corporation LX1708ILQ Datasheet HTML 7Page - Microsemi Corporation LX1708ILQ Datasheet HTML 8Page - Microsemi Corporation LX1708ILQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LX1708
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev.1.2, 2007-01-05
15+15W Stereo Filterless Class-D Amplifier
TM
®
ABSOLUTE MAXIMUM RATINGS
Analog Supply Voltage (PVDD) ................................................................. -0.3V to 16.5V
Supply Voltage (V5V) ......................................................................................... -0.3 to 6V
STBY to VSS......................................................................................-0.3V to V5V + 0.3V
IN1P/M, IN2P/M .................................................................................-0.3V to V5V +0.3V
Maximum Operating Junction Temperature .............................................................. 150°C
Storage Temperature Range.........................................................................-65°C to 150°C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure) ... 260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
LQ Plastic MLPQ 32-Pin 7mm x 7mm
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
15.5
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
STBY
IN1P
IN1N
N.C.
N.C.
IN2N
IN2P
TMON
AVSS2
ROSC
VREF
AVSS1
V5V
STATUS
MUTE
1
2
3
4
5
6
7
8
9
10
11
1213
1415
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
TCTRL
LQ PACKAGE
(Top View)
Pb-free 100% Matte Tin Lead Finish


Similar Part No. - LX1708ILQ

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX170 LUMINIS-LX170 Datasheet
95Kb / 2P
   Pedestal mount
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
More results

Similar Description - LX1708ILQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Microsemi Corporation
LX1705 MICROSEMI-LX1705 Datasheet
373Kb / 17P
   88W Stereo Filterless Class-D Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com