Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBI450U-120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6MBI450U-120
Description  IGBT Module U-Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6MBI450U-120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6MBI450U-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6MBI450U-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6MBI450U-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6MBI450U-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6MBI450U-120 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IGBT Module
Characteristics (Representative)
6MBI450U-120
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.)
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 125°C / chip
Capacitance vs. Collector-Emitter voltage (typ.)
Dynamic Gate charge (typ.)
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 25°C / chip
Collector current vs. Collector-Emitter voltage (typ.)
VGE=15V / chip
Tj=25°C / chip
VGE=0V, f= 1M Hz, Tj= 25°C
Vcc=600V, Ic=450A, Tj= 25°C
0
200
400
600
800
1000
1200
01
23
45
Collector-Emitter voltage : VCE [V]
VGE=20V
15V
12V
10V
8V
0
200
400
600
800
1000
1200
01
23
45
Collector-Emitter voltage : VCE [V]
VGE=20V
15V
12V
10V
8V
0
200
400
600
800
1000
1200
012
34
Collector-Emitter voltage : VCE [V]
Tj=125°C
Tj=25°C
0
2
4
6
8
10
5
101520
25
Gate - Emitter voltage : VGE [ V ]
Ic=900A
Ic=450A
Ic=225A
0.1
1.0
10.0
100.0
1000.0
010
20
30
Collector-Emitter voltage : VCE [V]
Cies
Coes
Cres
0
500
1000
1500
2000
2500
Gate charge : Qg [ nC ]
VGE
VCE
0


Similar Part No. - 6MBI450U-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI450U-170 ETC2-6MBI450U-170 Datasheet
140Kb / 5P
   IGBT Module U-Series
More results

Similar Description - 6MBI450U-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MBI450UE-120 ETC1-2MBI450UE-120 Datasheet
108Kb / 4P
   IGBT Module U-Series
6MBI300U-120 ETC-6MBI300U-120 Datasheet
137Kb / 5P
   IGBT Module U-Series
2MBI300UE-120 ETC1-2MBI300UE-120 Datasheet
107Kb / 4P
   IGBT Module U-Series
1MBI600U-120 ETC2-1MBI600U-120 Datasheet
116Kb / 4P
   IGBT MODULE U-SERIES
logo
Fuji Electric
2MBI300U2B-060 FUJI-2MBI300U2B-060 Datasheet
232Kb / 4P
   IGBT Module U-Series
logo
List of Unclassifed Man...
2MBI200UB-120 ETC2-2MBI200UB-120 Datasheet
104Kb / 4P
   IGBT Module U-Series
2MBI100UA-120 ETC1-2MBI100UA-120 Datasheet
103Kb / 4P
   IGBT Module U-Series
6MBI450U-170 ETC2-6MBI450U-170 Datasheet
140Kb / 5P
   IGBT Module U-Series
2MBI200UC-120 ETC1-2MBI200UC-120 Datasheet
107Kb / 4P
   IGBT Module U-Series
6MBI300U-170 ETC2-6MBI300U-170 Datasheet
139Kb / 5P
   IGBT Module U-Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com