Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1912CSG Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1912CSG
Description  VREF @ 800mV, 1.0A, 1.2MHz PWM Current Mode PWM Buck regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1912CSG Datasheet(HTML) 8 Page - Microsemi Corporation

  LX1912CSG Datasheet HTML 1Page - Microsemi Corporation LX1912CSG Datasheet HTML 2Page - Microsemi Corporation LX1912CSG Datasheet HTML 3Page - Microsemi Corporation LX1912CSG Datasheet HTML 4Page - Microsemi Corporation LX1912CSG Datasheet HTML 5Page - Microsemi Corporation LX1912CSG Datasheet HTML 6Page - Microsemi Corporation LX1912CSG Datasheet HTML 7Page - Microsemi Corporation LX1912CSG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LX1912
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2005
Rev. 1.0, 2006-09-06
VREF @ 800mV, 1.0A, 1.2MHz PWM
TM
®
NOTES
PRODUCTION DATA – Information contained in this document is proprietary to
Microsemi and is current as of publication date. This document may not be modified in
any way without the express written consent of Microsemi. Product processing does not
necessarily include testing of all parameters. Microsemi reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX1912CSG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1910 MICROSEMI-LX1910 Datasheet
239Kb / 8P
   Step-Down Regulator
LX1910CDU MICROSEMI-LX1910CDU Datasheet
239Kb / 8P
   Step-Down Regulator
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
LX1911CLD MICROSEMI-LX1911CLD Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
   1.8A Step-Down Synchronous Converter
More results

Similar Description - LX1912CSG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13049 MICROSEMI-LX13049 Datasheet
204Kb / 7P
   VREF @ 800mV, 1.25A, 1.0MHZ PWM
Rev. 1.1, 5/2/2007
LX1736 MICROSEMI-LX1736 Datasheet
187Kb / 6P
   VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com