Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1918 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1918
Description  1.8A Step-Down Synchronous Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1918 Datasheet(HTML) 8 Page - Microsemi Corporation

  LX1918 Datasheet HTML 1Page - Microsemi Corporation LX1918 Datasheet HTML 2Page - Microsemi Corporation LX1918 Datasheet HTML 3Page - Microsemi Corporation LX1918 Datasheet HTML 4Page - Microsemi Corporation LX1918 Datasheet HTML 5Page - Microsemi Corporation LX1918 Datasheet HTML 6Page - Microsemi Corporation LX1918 Datasheet HTML 7Page - Microsemi Corporation LX1918 Datasheet HTML 8Page - Microsemi Corporation LX1918 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LX1918
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
1.8A Step-Down Synchronous Converter
Copyright
© 2004
Rev. 1.1, 2005-07-05
TM
®
PACKAGE DI MENSI ONS
LD
8 Pin Plastic MLP Dual Exposed Pad
D
e
E
A
A3
A1
E2
D2
b
L
top
bottom
side
Note:
1. Dimensions do not include mold flash or
protrusions;
these
shall
not
exceed
0.155mm(.006”) on any side. Lead dimension
shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.80
1.00
0.0315 0.0394
A1
0
0.05
0
0.0019
A3
0.20 REF
0.0079 REF
b
0.25
0.30
0.010
0.0118
D
3.00 BSC
0.1181 BSC
D2
1.60
2.50
0.0630 0.0984
e
0.65 BSC
0.0260 BSC
E
3.00 BSC
0.1181 BSC
E2
1.35
1.75
0.0531 0.0689
L
0.30
0.50
0.0071 0.0197


Similar Part No. - LX1918

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1910 MICROSEMI-LX1910 Datasheet
239Kb / 8P
   Step-Down Regulator
LX1910CDU MICROSEMI-LX1910CDU Datasheet
239Kb / 8P
   Step-Down Regulator
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
LX1911CLD MICROSEMI-LX1911CLD Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
LX1912 MICROSEMI-LX1912 Datasheet
143Kb / 8P
   VREF @ 800mV, 1.0A, 1.2MHz PWM Current Mode PWM Buck regulator
More results

Similar Description - LX1918

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
   1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
logo
Monolithic Power System...
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
   1.8A, 24V, 700kHz Step-Down Converter
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Diodes Incorporated
AP1533 DIODES-AP1533 Datasheet
160Kb / 8P
   PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 1
logo
Monolithic Power System...
MP2371 MPS-MP2371 Datasheet
655Kb / 10P
   1.8A, 24V, 700KHz Step-Down Converter
logo
Diodes Incorporated
AP1533 DIODES-AP1533_09 Datasheet
264Kb / 9P
   PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
   1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com