Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4006G Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1N4006G
Description  Axial Lead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4006G Datasheet(HTML) 2 Page - ON Semiconductor

  1N4006G Datasheet HTML 1Page - ON Semiconductor 1N4006G Datasheet HTML 2Page - ON Semiconductor 1N4006G Datasheet HTML 3Page - ON Semiconductor 1N4006G Datasheet HTML 4Page - ON Semiconductor 1N4006G Datasheet HTML 5Page - ON Semiconductor 1N4006G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N4001, 1N4002, 1N4003, 1N4004, 1N4005, 1N4006, 1N4007
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Unit
†Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
†Non−Repetitive Peak Reverse Voltage
(halfwave, single phase, 60 Hz)
VRSM
60
120
240
480
720
1000
1200
V
†RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
†Average Rectified Forward Current
(single phase, resistive load,
60 Hz, TA = 75°C)
IO
1.0
A
†Non−Repetitive Peak Surge Current
(surge applied at rated load conditions)
IFSM
30 (for 1 cycle)
A
Operating and Storage Junction
Temperature Range
TJ
Tstg
−65 to +175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage Drop, (iF = 1.0 Amp, TJ = 25°C)
vF
0.93
1.1
V
Maximum Full−Cycle Average Forward Voltage Drop, (IO = 1.0 Amp, TL = 75°C, 1 inch leads)
VF(AV)
0.8
V
Maximum Reverse Current (rated DC voltage)
(TJ = 25°C)
(TJ = 100°C)
IR
0.05
1.0
10
50
mA
Maximum Full−Cycle Average Reverse Current, (IO = 1.0 Amp, TL = 75°C, 1 inch leads)
IR(AV)
30
mA
†Indicates JEDEC Registered Data


Similar Part No. - 1N4006G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4006G PHILIPS-1N4006G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4006G CHENDA-1N4006G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4006G GULFSEMI-1N4006G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4006G LRC-1N4006G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4006G LRC-1N4006G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Similar Description - 1N4006G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com