Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1972IBC Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1972IBC
Description  Ambient Light Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972IBC Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1972IBC Datasheet HTML 1Page - Microsemi Corporation LX1972IBC Datasheet HTML 2Page - Microsemi Corporation LX1972IBC Datasheet HTML 3Page - Microsemi Corporation LX1972IBC Datasheet HTML 4Page - Microsemi Corporation LX1972IBC Datasheet HTML 5Page - Microsemi Corporation LX1972IBC Datasheet HTML 6Page - Microsemi Corporation LX1972IBC Datasheet HTML 7Page - Microsemi Corporation LX1972IBC Datasheet HTML 8Page - Microsemi Corporation LX1972IBC Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LX1972
PRODUCTION SPECIFICATION
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Ambient Light Detector
Copyright
© 2004
Rev. 1.1b, 2005-10-31
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -40
°C
T
A 85°C except where
otherwise noted and the following test conditions: See Note 1, VDD =5V, RSS = 10K
LX1972
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RESPONSE
Peak Spectral Response
λPR
520
nm
Infrared Response
)
(
I
)
(
I
PR
DD
DD
λ
λ
EV(550nm) = 292μW/cm
2, Current responsivity
change with additional direct light input of
292
μW/cm2 at 910nm, Note 3
5
1
5
%
EV = 14.6μW/cm
2, ISS = 10μA
1.2
1.4
EV = 146μW/cm
2, ISS = 100μA
1.8
2.1
Minimum Operational Voltage
VDD-VSS
EV = 292μW/cm
2, ISS = 200μA
2.2
2.6
V
EV = 14.6μW/cm
2, Note 2
7.5
10
12.5
EV = 146μW/cm
2, Note 2
75
100
125
Light Current
ISS
EV = 292μW/cm
2, Note 2;
150
200
250
μA
Gain Linearity
14.6
μW/cm2 ≤ EV ≤ 146μW/cm2 @ 25°C
-15
15
%
EV = 0μW/cm
2, TA = 25°C
0.010
50
Dark Current
IDD(DARK)
EV = 0μW/cm
2
200
nA
Power Supply Rejection Ratio
PSRR
VRIPPLE = 10mVP-P, f = 10kHz
-25
dB
Radiant Sensitive Area
0.04
mm
2
Notes:
1.
The input irradiance (EV) is supplied from a white light-emitting diode (LED) optical source adjusted to impose the specified EV at a
peak
λ = 550nm.
2.
See Figure 1.
3.
See Figure 2.
TE ST CI RCUIT S
LX1972
V
SS
V
DD
White
LED
10k
Ω
Figure 1 –
Operational Voltage Measurement Circuit
LX1972
V
SS
V
DD
White
LED
910nm
10k
Ω
Figure 2 –
IR Sensitivity Measurement Circuit


Similar Part No. - LX1972IBC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1972 MICROSEMI-LX1972 Datasheet
53Kb / 1P
   LX1972 Light Sensor
LX1972A MICROSEMI-LX1972A Datasheet
277Kb / 9P
   Ambient Light Detector
LX1972AIBC MICROSEMI-LX1972AIBC Datasheet
277Kb / 9P
   Ambient Light Detector
LX1972MINI MICROSEMI-LX1972MINI Datasheet
53Kb / 1P
   LX1972 Light Sensor
More results

Similar Description - LX1972IBC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1972A MICROSEMI-LX1972A Datasheet
277Kb / 9P
   Ambient Light Detector
LX1974 MICROSEMI-LX1974 Datasheet
341Kb / 9P
   Ambient Light Detector
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
   Ambient light
logo
Vishay Siliconix
TEMT6000 VISHAY-TEMT6000 Datasheet
116Kb / 5P
   Ambient Light Sensor
Rev. 1.2, 08-Jul-04
logo
Renesas Technology Corp
PH5553A2NA1 RENESAS-PH5553A2NA1_15 Datasheet
400Kb / 14P
   Ambient Light Sensor
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_15 Datasheet
109Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. 3
logo
Everlight Electronics C...
ALS-PDIC17-77C-TR8 EVERLIGHT-ALS-PDIC17-77C-TR8 Datasheet
370Kb / 12P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMT6000X01 VISHAY-TEMT6000X01_09 Datasheet
150Kb / 6P
   Ambient Light Sensor
Rev. 1.8, 26-Mar-09
TEPT5600 VISHAY-TEPT5600_10 Datasheet
107Kb / 5P
   Ambient Light Sensor
Rev. 1.7, 18-Jun-10
logo
Everlight Electronics C...
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8_09 Datasheet
429Kb / 14P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com