Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2205ILQ Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX2205ILQ
Description  1A Li-Ion Battery Charger with Power Source Management
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2205ILQ Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX2205ILQ Datasheet HTML 2Page - Microsemi Corporation LX2205ILQ Datasheet HTML 3Page - Microsemi Corporation LX2205ILQ Datasheet HTML 4Page - Microsemi Corporation LX2205ILQ Datasheet HTML 5Page - Microsemi Corporation LX2205ILQ Datasheet HTML 6Page - Microsemi Corporation LX2205ILQ Datasheet HTML 7Page - Microsemi Corporation LX2205ILQ Datasheet HTML 8Page - Microsemi Corporation LX2205ILQ Datasheet HTML 9Page - Microsemi Corporation LX2205ILQ Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LX2205
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2007
Rev. 1.0a, 2007-03-02
1A Li-Ion Battery Charger with Power Source Management
TM
®
CHARGER CONTROL FLOW D I AGRAM
START
VSYS > VBAT
YES
DISCHARGE
MODE
NO
VBAT>60%
CONDITION
CHARGE
MODE
NO
YES
CONSTANT CURRENT
CHARGE MODE
TEMP <
140
REDUCE
CHARGE
CURRENT
IUSB< IUCL
NO
NO
VBAT> VCV
YES
NO
IBAT<ITAPER
YES
NO
RETURN TO START IF
VSYS > VBAT, UVLO, SUSP, OR SHDN CHANGE
STATE.
SWITCH OFF
IUCL DETERMINED BY THE
STATE OF UCL.
UVLO
YES
NO
SHDN
YES
NO
DC OK
NO
YES
SUSP
YES
NO
DC OK
YES
ISYS< IMAX
NO
CONSTANT VOLTAGE
CHARGE MODE
TEMP <
140
REDUCE
CHARGE
CURRENT
IUSB< IUCL
NO
NO
DC OK
YES
ISYS< IMAX
NO
VOLTAGE
MONITORING
MODE (STATE).
VBAT<97%
YES
NO
USB
SUSPEND
A TMP FAULT CAUSES THE CHARGER TO
SUSPEND CHARGING. ONCE THE FAULT CLEARS,
CHARGING RESUMES AT THE SAME POINT.
YES
YES
YES
YES
YES
YES
NO
NO


Similar Part No. - LX2205ILQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
LX2201CLQ MICROSEMI-LX2201CLQ Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
LX2202 MICROSEMI-LX2202 Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
More results

Similar Description - LX2205ILQ

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
   BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
   BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
   1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
   1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
   1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
   1A Linear Li-Ion Battery Charger
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
   1A Linear Li-Ion Battery Charger
May,2020 V1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com