Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX7202-22ISF Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX7202-22ISF
Description  EMI Filter & ESD Protection for Up Stream USB Ports
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7202-22ISF Datasheet(HTML) 6 Page - Microsemi Corporation

  LX7202-22ISF Datasheet HTML 1Page - Microsemi Corporation LX7202-22ISF Datasheet HTML 2Page - Microsemi Corporation LX7202-22ISF Datasheet HTML 3Page - Microsemi Corporation LX7202-22ISF Datasheet HTML 4Page - Microsemi Corporation LX7202-22ISF Datasheet HTML 5Page - Microsemi Corporation LX7202-22ISF Datasheet HTML 6Page - Microsemi Corporation LX7202-22ISF Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LX7202-xx
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
EMI Filter & ESD Protection for Up Stream USB
Ports
Copyright
© 2002
Rev. 1.0c, 2005-01-28
I N T E GRA T ED
PR ODUC T S
PACKAGE DI MENSI ONS
SF
6 Pin Plastic SOT-23
H
G
F
E
A1
J
I
C
K
A
B
D
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.90
1.30
0.035
0.051
A1
0.90
1.45
0.035
0.057
B
0.25
0.50
0.010
0.020
C
0.09
0.20
0.004
0.008
D
2.80
3.10
0.110
0.122
E
1.50
1.75
0.059
0.069
F
0.95 BSC
0.038 BSC
G
1.90 BSC
0.075 BSC
H
2.60
3.00
0.102
0.118
I
0.35
0.55
0.014
0.022
J
0.00
0.15
0.000
0.006
K
10° MAX
10° MAX
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
Recommended Footprint
C (ref)
X
Y
E (ref)
D (ref)
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
C
-
2.40
-
0.094
D
-
1.90
-
0.074
E
-
0.95
-
0.037
X
-
0.70
-
0.028
Y
-
1.00
-
0.039


Similar Part No. - LX7202-22ISF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-15ISF MICROSEMI-LX7201-15ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-22ISF MICROSEMI-LX7201-22ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7203-15ISM MICROSEMI-LX7203-15ISM Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results

Similar Description - LX7202-22ISF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
logo
Semtech Corporation
ECLAMP1002A SEMTECH-ECLAMP1002A Datasheet
174Kb / 6P
   ESD/EMI Protection for Speaker Ports
ECLAMP3202A SEMTECH-ECLAMP3202A Datasheet
176Kb / 6P
   ESD/EMI Protection for Microphone Ports
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
   Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com