Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2378EBJR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC15KV ESD protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2378EBJR Datasheet HTML 6Page - STMicroelectronics ST2378EBJR Datasheet HTML 7Page - STMicroelectronics ST2378EBJR Datasheet HTML 8Page - STMicroelectronics ST2378EBJR Datasheet HTML 9Page - STMicroelectronics ST2378EBJR Datasheet HTML 10Page - STMicroelectronics ST2378EBJR Datasheet HTML 11Page - STMicroelectronics ST2378EBJR Datasheet HTML 12Page - STMicroelectronics ST2378EBJR Datasheet HTML 13Page - STMicroelectronics ST2378EBJR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
ST2378E
10/22
Table 5. AC Electrical characteristics (totem pole driving)
Symbol
Parameter
Test Condition (1)
Value
Unit
CL=15pF tr=tf ≤ 6ns
Driver output
RT ≤ 50Ω
(2)
-40 to +85 °C
VL (V)
(3)
VCC (V)
(3)
Min.
Typ. (4)
Max.
tRVCC
Rise Time I/OVCC
(3)(8)
1.8
1.8
11
15
ns
1.8
2.5
11
15
1.8
3.3
10
15
1.8
5.0
9
15
2.5
3.3
8
15
tFCC
Fall Time I/OVCC
(3)(8)
1.8
1.8
6
15
ns
1.8
2.5
7
15
1.8
3.3
8
15
1.8
5.0
10
15
2.5
3.3
6
15
tRVL
Rise Time I/OVL
(3)(8)
1.8
1.8
12
15
ns
1.8
2.5
10
15
1.8
3.3
9
15
1.8
5.0
10
15
2.5
3.3
7
15
tFVL
Fall Time I/OVL
(3)(8)
1.8
1.8
7
15
ns
1.8
2.5
6
15
1.8
3.3
6
15
1.8
5.0
7
15
2.5
3.3
4
15
tIOVL-VCC
Propagation Delay Time(4)
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
1.8
1.8
6
15
ns
1.8
2.5
7
15
1.8
3.3
7
15
1.8
5.0
7
15
2.5
3.3
4
15
tPHL
1.8
1.8
5
15
1.8
2.5
5
15
1.8
3.3
6
15
1.8
5.0
8
15
2.5
3.3
4
15


Similar Part No. - ST2378EBJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378EBJR STMICROELECTRONICS-ST2378EBJR Datasheet
178Kb / 14P
   8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 짹15KV ESD PROTECTION
More results

Similar Description - ST2378EBJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2378E STMICROELECTRONICS-ST2378E Datasheet
178Kb / 14P
   8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 짹15KV ESD PROTECTION
logo
ON Semiconductor
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
logo
ON Semiconductor
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX3018 ONSEMI-NLSX3018_13 Datasheet
150Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com