Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKS606F Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # PKS606F
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PKS606F Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button PKS606F Datasheet HTML 4Page - Power Integrations, Inc. PKS606F Datasheet HTML 5Page - Power Integrations, Inc. PKS606F Datasheet HTML 6Page - Power Integrations, Inc. PKS606F Datasheet HTML 7Page - Power Integrations, Inc. PKS606F Datasheet HTML 8Page - Power Integrations, Inc. PKS606F Datasheet HTML 9Page - Power Integrations, Inc. PKS606F Datasheet HTML 10Page - Power Integrations, Inc. PKS606F Datasheet HTML 11Page - Power Integrations, Inc. PKS606F Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PKS603-607
Rev. I 10/06
8
Application Example
ThecircuitshowninFigure15isalowcost,highefficiency,
flyback power supply designed to provide a 30 V, 1.06A
continuous,2.7Apeakoutputfromuniversalinputusingthe
PKS606Y.
Thesupplyfeaturesunder-voltagelockoutandsmartACsensewith
fastreset.Latchingoverload,openloop,andhystereticthermal
shutdownprotectboththesupplyandloadunderfaultconditions
whilehighefficiency(>80%)andverylowno-loadconsumption
(<200mWat230VAC)meetsbothactiveandstandbyefficiency
requirements.Outputregulationisaccomplishedusingasimple
Zenerreferenceandoptocouplerfeedback.
ComponentsC1,C2,C3,C10,C17,C19,R15,L1andL2provide
commonmodeanddifferentialmodeEMIfiltering.Resistors
R1andR2dischargeC3whenACpowerisremovedtoprevent
electricshockfromtouchingtheACinput.ThermistorRT1
limitsthepeakinrushcurrentwhenACisfirstapplied.
Therectifiedandfilteredinputvoltageisappliedtotheprimary
windingofT1.Theothersideofthetransformerprimaryis
drivenbytheintegratedMOSFETinU1.DiodeD6,C5,R3,
R4,andVR1clamptheU1drainvoltagetosafelevels.Use
ofafastdiode(500ns)vsultrafastforD6increasespower
supplyefficiencybyrecoveringsomeoftheclampenergy.A
sloworstandardrecoverydiodemustnotbeusedduetothe
highswitchingfrequency(aslowdiodewillnotrecoverfast
enoughunderstartuporoutputfaultsandthereforefaildue
toexcessdissipation).TheuseofaZenerinserieswithR3
comparedtoastandardRCDclampoptimizesbothEMIand
energyefficiency.
ComponentsD5,C7,andR5-6provideAClineandunder-
voltagesensingforPeakSwitchU1.Byprovidingaseparate
rectifiedvoltageacrossC7whichisindependentfromtheload
condition,ratherthanusingthemaininputcapacitor,allows
PeakSwitch
todistinguishthecauseoflossofregulation.It
alsoprovidesfastresetwhentheACinputisremoved,should
latchingshutdownbetriggered.ConnectingR5andR6toC4
wouldstillprovideunder-voltagelockoutbutafterafaultthe
userwouldhavetowaitforC4todischargebeforethesupply
wouldreset.ResistorR16providesasmallamountofbiasto
theU1ENABLE/UNDER-VOLTAGEpintoretaintheunder-
voltagelockoutfunctionduringbrown-outconditions.
WithR5andR6present,switchingisinhibiteduntilthecurrent
intotheEN/UVpinexceeds25µA.Thisallowsthestartup
voltagetobeprogrammedwithinthenormaloperatinginput
voltagerange,preventingglitchingoftheoutputunderabnormal,
lowvoltageconditionsandalsoonremovaloftheACinput.
Underafaultcondition,forexampleanoutputshortcircuitor
brokenfeedbackloop,ifthelinevoltageiswithinthenormal
range(>25µAintotheEN/UVpin)thePeakSwitchwilllatch
T1
EE25
J1
L
PE
N
30 V @
1.07 A Cont.
2.7 A Peak
RTN
D5
1N4007
D6
FR106
D10
UF4003
D8
STPS3150
D9
1N4148
D7
1N4148
U2
PC817X4
Q2
FS202DA
J3
PCB Term 18 AWG
RTN Connected to PE via Flying Lead
Q1
2N3906
D1-D4
1N4007
L1
5.3 mH
L2
5.3
µH
R2
1.3 M
R1
1.3 M
R15
2.2
R4
22
1/2 W
R3
10 k
1/2 W
R5
2.2 M
R6
2.4 M
R16
2.7 M
R7
4.7 k
R12
1 k
R13
1 k
R14
100
R11
3 k
R10
1.5 k
R9
0.33
2 W
R8
68
1/2 W
C3
680 nF
X1
C1-C2
100 pF
250 VAC
C17
4.7 nF
1 kV
C6
47
µF
35 V
C15
100 nF
50 V
C16
100 nF
C12
330
µF
50 V
C10
1 nF
250 VAC
C11
330 pF
U1
PKS606Y
C13
47
µF
16 V
C14
220 nF
50 V
C7
100 nF
400 V
C8
220 nF
50 V
C5
2.2 nF
1 kV
VR1
1N4764A
100 V
VR2
1N5255B
28 V
VR3
1N5258B
36 V
1
9,10
7,8
4
5
3
2
C4
150
µF
400 V
F1
3.15 A
RT1
10
PI-4170-060706
tO
PeakSwitch
C19
1 nF, 250 VAC
D
S
EN/UV
BP
GND
Figure 15. PeakSwitch PKS606Y, 32 W Continuous, 81 W Peak, Universal Input Power Supply.


Similar Part No. - PKS606F

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PKS606F POWERINT-PKS606F Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
More results

Similar Description - PKS606F

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
TNY380GN POWERINT-TNY380GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
TNY375-380 POWERINT-TNY375-380 Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com