Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

627 Datasheet(PDF) 5 Page - Bi technologies

Part # 627
Description  220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

627 Datasheet(HTML) 5 Page - Bi technologies

  627 Datasheet HTML 1Page - Bi technologies 627 Datasheet HTML 2Page - Bi technologies 627 Datasheet HTML 3Page - Bi technologies 627 Datasheet HTML 4Page - Bi technologies 627 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODELS 627, 628
Model 627, 628 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.12
Ordering Information
MIL-R-914 - Resistor Networks, Fixed, Film, Surface Mount Established Reliability General Specifications
MIL-STD-105 - Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 - Test Methods for Electronics and Electrical Component Parts
EIA-481 - Carrier Taping of Surface Mount Components for Automatic Handling
EIA-PDP-100 - SOGN-0002 Outline Dimensions
62 8 J 331 / 471 F TR4
Model
Number of Leads:
7 = 14 Leads
8 = 16 Leads
Circuit Type:
A = Isolated
B = Bussed
J = Dual Terminator
Standard Tape & Reel Packaging:
(No code used for magazines.)
Tolerance Code:
F = ±1%
(No code used for 2% Std.)
R2 Resistance Code:
(Add for J Circuit only.)
Resistance Code:
E12 & E24 Series: First two digits are significant.
Last digit denotes number of trailing zeros.
E96 Series: First three digits are significant.
Last digit denotes number of trailing zeros.
Applicable Documents


Similar Part No. - 627

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627 BITECH-627 Datasheet
276Kb / 5P
   .220??Small Outline
logo
List of Unclassifed Man...
627 ETC2-627 Datasheet
276Kb / 5P
   MODELS 627, 628 Model 627, 628 Series
627 ETC2-627 Datasheet
61Kb / 1P
   CE-Mark Approval
627-000-001 ETC2-627-000-001 Datasheet
226Kb / 2P
   627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
627-000-003 ETC2-627-000-003 Datasheet
216Kb / 2P
   627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
More results

Similar Description - 627

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOMC16012K20GEA VISHAY-SOMC16012K20GEA Datasheet
133Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mount
Revision: 20-May-10
logo
Bi technologies
628L BITECH-628L Datasheet
56Kb / 4P
   R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
SOMC VISHAY-SOMC_V01 Datasheet
110Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mounts
01-Jan-2022
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
logo
RCD COMPONENTS INC.
SMN16AS-10R0-J RCD-SMN16AS-10R0-J Datasheet
354Kb / 1P
   THICK FILM SURFACE MOUNT NETWORKS SMALL OUTLINE MOLDED DIP
logo
Vishay Siliconix
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
logo
List of Unclassifed Man...
898 ETC1-898 Datasheet
174Kb / 4P
   DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com