Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2641 Datasheet(PDF) 2 Page - Bi technologies

Part # 2641
Description  7/8 Diameter Analog Turns Counting Dial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

2641 Datasheet(HTML) 2 Page - Bi technologies

  2641 Datasheet HTML 1Page - Bi technologies 2641 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3-11
Model 2640 Series
20
30
00
.875
±.016
22.22
±0.406
.58
14.7
9
° Min.
.138
3.51
Max. Brake
Lever Travel
60
°±5°
Max.
Mounting Surface
Mounting Surface
.90
±.02
22.9
±0.5
.496
±.010
12.6
±0.25
Dia.
Locating*
Plate
Adaptor
Plate
(if needed)
A Dia.
.078
1.98
Dia.
B
.94
23.88
Max.
.82
20.8
on 2601
Max.
+.0005
-.0000
+0.127
-0.000
.375
9.525
Dia.
.53
±.02
13.46
±0.51
Dia.
2641
2646S
2647S
.281
7.14
.406
10.3
.281
7.14
.375
9.53
2601
2606,2607,
2606S&2607S
Model
Dim.A Dim.B
Nominal
Panel Hole Dimensions
2646
2647
*Model 2641 supplied with locating washer
instead of locating plate.
OUTLINE DIMENSIONS (Inch/mm)
mm
INCH
3
Specifications subject to change without notice.


Similar Part No. - 2641

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
2641 TTELEC-2641 Datasheet
500Kb / 2P
   Turn Counting Dial
logo
Heyco.
2641 HEYCO-2641 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
Eaton All Rights Reserv...
2641-R EATON-2641-R Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
More results

Similar Description - 2641

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2696 BITECH-2696 Datasheet
147Kb / 1P
   Turns Counting Dial 7/8 Diameter Analog For 1/4??Shaft
2694 BITECH-2694 Datasheet
147Kb / 1P
   Turns Counting Dial 7/8 Diameter Analog For 6 mm shaft
RBB BITECH-RBB Datasheet
47Kb / 2P
   Analog Turns Counting Dial
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
   Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
   Turns-Counting Dial
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
   Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
   Turns-Counting Dial
H-22 BOURNS-H-22_10 Datasheet
161Kb / 1P
   Turns-Counting Dial
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
   Turns-Counting Dial
H-516 BOURNS-H-516 Datasheet
180Kb / 1P
   Turns-Counting Dial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com