Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297GS-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # OP297GS-REEL7
Description  Dual Low Bias Current Precision Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GS-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP297GS-REEL7 Datasheet HTML 3Page - Analog Devices OP297GS-REEL7 Datasheet HTML 4Page - Analog Devices OP297GS-REEL7 Datasheet HTML 5Page - Analog Devices OP297GS-REEL7 Datasheet HTML 6Page - Analog Devices OP297GS-REEL7 Datasheet HTML 7Page - Analog Devices OP297GS-REEL7 Datasheet HTML 8Page - Analog Devices OP297GS-REEL7 Datasheet HTML 9Page - Analog Devices OP297GS-REEL7 Datasheet HTML 10Page - Analog Devices OP297GS-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. E
OP297
–7–
UNITY-GAIN FOLLOWER
INVERTING AMPLIFIER
NONINVERTING AMPLIFIER
MINI-DIP
BOTTOM VIEW
1
8
B
A
1/2
OP297
1/2
OP297
1/2
OP297
Figure 7. Guard Ring Layout and Connections
GUARDING AND SHIELDING
To maintain the extremely high input impedances of the OP297,
care must be taken in circuit board layout and manufacturing.
Board surfaces must be kept scrupulously clean and free of mois-
ture. Conformal coating is recommended to provide a humidity
barrier. Even a clean PC board can have 100 pA of leakage
currents between adjacent traces, so guard rings should be used
around the inputs. Guard traces are operated at a voltage close to
that on the inputs, as shown in Figure 7, so that leakage currents
become minimal. In noninverting applications, the guard ring
should be connected to the common-mode voltage at the inverting
input. In inverting applications, both inputs remain at ground,
so the guard trace should be grounded. Guard traces should be
on both sides of the circuit board.
OPEN-LOOP GAIN LINEARITY
The OP297 has both an extremely high gain of 2000 V/mV
minimum and constant gain linearity. This enhances the precision
of the OP297 and provides for very high accuracy in high closed
loop gain applications. Figure 8 illustrates the typical open-loop
gain linearity of the OP297 over the military temperature range.
TA = +25 C
OUTPUT VOLTAGE (V)
0
–15
RL = 10k
VS = 15V
VCM = 0V
TA = +125 C
TA = –55 C
–10
–5
0
5
15
10
Figure 8. Open-Loop Linearity of the OP297
APPLICATIONS
PRECISION ABSOLUTE VALUE AMPLIFIER
The circuit of Figure 9 is a precision absolute value amplifier with
an input impedance of 30 M
Ω. The high gain and low TCVOS
of the OP297 ensure accurate operation with microvolt input
signals. In this circuit, the input always appears as a common-
mode signal to the op amps. The CMR of the OP297 exceeds
120 dB, yielding an error of less than 2 ppm.
1/2
OP297
1/2
OP297
+15V
C2
0.1 F
R1
1k
C1
30pF
D1
1N4148
D2
1N4148
R2
2k
0V
VOUT
10V
R3
1k
–15V
VIN
C3
0.1 F
5
6
7
1
28
3
4
Figure 9. Precision Absolute Value Amplifier
PRECISION CURRENT PUMP
Maximum output current of the precision current pump shown
in Figure 10 is
±10 mA. Voltage compliance is ±10 V with ±15 V
supplies. Output impedance of the current transmitter exceeds
3 M
Ω with linearity better than 16 bits.
1/2
OP297
+15V
R3
10k
VIN
5
6
7
1
2
8
3
1/2
OP297
IOUT
10mA
R1
10k
R2
10k
R4
10k
R6
10k
–15V
IOUT =
=
= 10mA/V
VIN
R5
VIN
100
Figure 10. Precision Current Pump


Similar Part No. - OP297GS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP297GS-REEL7 AD-OP297GS-REEL7 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297GS-REEL7 AD-OP297GS-REEL7 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297GS-REEL7 AD-OP297GS-REEL7 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
More results

Similar Description - OP297GS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297S AD-OP297S Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com