Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6143 Datasheet(PDF) 2 Page - Bi technologies

Part # 6143
Description  7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6143 Datasheet(HTML) 2 Page - Bi technologies

  6143 Datasheet HTML 1Page - Bi technologies 6143 Datasheet HTML 2Page - Bi technologies 6143 Datasheet HTML 3Page - Bi technologies 6143 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2-60
Model 6143, 6163
STANDARD RESISTANCE VALUES, OHMS
1K
2K
5K
10K
20K
50K
MECHANICAL
Total Mechanical Travel
360° continuous
Number of Gangs, Maximum
1
Weight, Nominal
0.46 oz.
6143
6163
Shaft Runout, T.I.R., Maximum
.003”
.003”
Pilot Diameter Runout, T.I.R., Maximum
.005”
.003”
Lateral Runout, T.I.R., Maximum
.005”
.003”
Shaft Radial Play, Maximum
.005”
.005”
Start/Run Torque, Maximum
0.6 oz.-in.
0.5 oz.-in.
Bearing Type
Bronze Sleeve Bearing
Ball Bearing
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m
ENVIRONMENTAL (MIL-R-39023)
Operating Temperature Range
Static: –65°C to +125°C
Dynamic: –40°C to +125°C
Temperature Cycling
5 cycles, –65°C to +125°C (10%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
10G’s, 10 to 500 Hz (2%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Five 24 hour cycles (10%
∆R)
High Temperature Exposure
1,000 hours at 125°C (0.5%
∆R)
Rotational Life
6143:
6163:
10 mil. shaft rev.
25 mil. shaft rev.
Rotational Load Life
5 mil. shaft rev. at rated wattage at 70°C (10%
∆R)


Similar Part No. - 6143

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6143 BITECH-6143 Datasheet
196Kb / 3P
   Potentiometer / Position Sensor
logo
TT Electronics.
6143 TTELEC-6143 Datasheet
725Kb / 3P
   Single-Turn Precision Potentiometer
logo
Infineon Technologies A...
6143D INFINEON-6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
logo
Bi technologies
6143 BITECH-6143_13 Datasheet
196Kb / 3P
   Potentiometer / Position Sensor
More results

Similar Description - 6143

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
6130 BITECH-6130 Datasheet
59Kb / 3P
   Low Profile 7/8 Diameter Single Turn Conductive Plastic Bronze Bearing Position Sensor Precision Potentiometer
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
6370 BITECH-6370 Datasheet
61Kb / 4P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
3371 BITECH-3371 Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
8140 BITECH-8140 Datasheet
76Kb / 5P
   7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
   7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 02-Jul-07
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com