Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7601R100T2L.50XX Datasheet(PDF) 2 Page - Bi technologies

Part # 7601R100T2L.50XX
Description  1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7601R100T2L.50XX Datasheet(HTML) 2 Page - Bi technologies

  7601R100T2L.50XX Datasheet HTML 1Page - Bi technologies 7601R100T2L.50XX Datasheet HTML 2Page - Bi technologies 7601R100T2L.50XX Datasheet HTML 3Page - Bi technologies 7601R100T2L.50XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2-116
Model 7600 Series
MECHANICAL
Total Mechanical Travel
3,780° ± 5°
Number of Cups, Maximum
2
Weight, Nominal (per gang)
5.5 oz.
Static Stop Strength
600 oz.-in.
Backlash, Maximum
Essentially zero
Shaft End Play, Maximum
.005"
Shaft Runout, T.I.R., Maximum
.0005"
Pilot Diameter Runout, T.I.R., Maximum
.001"
Lateral Runout, T.I.R., Maximum
.0015"
Starting Torque, Maximum
1.3 oz.-in.
Running Torque, Maximum
0.9 oz.-in.
7601
7603
Panel Nut Tightening Torque, Maximum
25 lb.-in.
N/A
Shaft Radial Play, Maximum
0.002"
0.001"
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
Static: –65°C to +125°C
Dynamic: -40°C to +125°C
Temperature Cycling
5 cycles, –65°C to +125°C (5%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
5G’s, 10 to 2,000 Hz (5%
∆R, 0.1ms discontinuity max.)
Moisture
Ten 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 125°C (5%
∆R)
Rotational Load Life
2 mil. shaft rev. plus 900 hrs. at rated wattage at 70°C (5%
∆R)
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
1K
0.019
±20 ppm/°C
5K
0.011
±20 ppm/°C
10K
0.012
±20 ppm/°C
20K
0.009
±20 ppm/°C
50K
0.007
±20 ppm/°C
100K
0.006
±20 ppm/°C


Similar Part No. - 7601R100T2L.50XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7601 ETC2-7601 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
Bi technologies
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Texas Instruments
76010012A TI-76010012A Datasheet
822Kb / 22P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
76010012A TI1-76010012A Datasheet
1Mb / 24P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
7601001EA TI-7601001EA Datasheet
822Kb / 22P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - 7601R100T2L.50XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com