Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5713R20KL.50XX Datasheet(PDF) 3 Page - Bi technologies

Part # 5713R20KL.50XX
Description  3 Diameter Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5713R20KL.50XX Datasheet(HTML) 3 Page - Bi technologies

  5713R20KL.50XX Datasheet HTML 1Page - Bi technologies 5713R20KL.50XX Datasheet HTML 2Page - Bi technologies 5713R20KL.50XX Datasheet HTML 3Page - Bi technologies 5713R20KL.50XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
2-57
Model 5710 Series
OUTLINE DIMENSIONS (Inch/mm)
1.750
44.45
R. Max.
90˚Max.
CCW
Slider
CW
Clamp
Ears
2.785
73.03
1.520
±.031
38.61
±0.79
1.020
±.015
25.91
±0.38
Mounting Surface
+ .0000
– .0003
+ 0.000
– 0.008
.2497
6.342
.625
±.031
15.9
±0.79
Dia.
Dia.
Dia. Max.
.073
1.85
Min.
+ .000
– .001
+ 0.00
– 0.03
2.875
73.03
Dia.
3.000
±.005
76.20
±0.13
Dia.
3.000
±.016
76.20
±0.41
.062
±.005
1.58
±0.13
.093
±.005
2.36
±0.13
“RS”
“L”
.500
12.7
Min.
.562
±.002
14.3
±0.05
.562
14.3
Dimensions shown are with
1 cup, for each additional cup:
increase “RS” by
increase “L” by
Chamfer
.016
0.41
Max. x 45˚
+
OUTLINE DIMENSIONS (Inch/mm)
1.750
44.45
R. Max.
Positioned as shown
± 5˚
Locating Hole
90˚Max.
CCW
Slider
CW
Clamp
Ears
.531
± .016
13.5
± 0.41
.129
± .005
3.28
± 0.13
Dia. x .062± .016
1.58
± 0.41
Deep
1.500
±.031
38.10
±0.79
1.375
±.016
34.93
±0.41
.500
±.016
12.7
±0.41
1.482
±.031
37.64
±0.79
.982
±.020
24.9
±0.51
Mounting Surface
+ .0000
– .0003
+ 0.000
– 0.008
.2497
6.342
+ .000
– .010
+ 0.00
– 0.25
.062
1.58
Dia.
Dia.
+ .0000
– .0020
+ 0.000
– 0.051
.5937
15.08
Dia.
Dia.
3.000
±.016
76.20
±0.41
“RS”
“L”
.469
11.9
1/2-32 NS Thread
Chamfer
.016
0.41
Min.
.562
±.002
14.3
±0.05
.562
14.3
Dimensions shown are with
1 cup, for each additional cup:
increase “RS” by
increase “L” by
Max. x 45˚
+
+
Model 5711 - Bushing Mount
Model 5713 - Servo Mount


Similar Part No. - 5713R20KL.50XX

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
   DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Bi technologies
5713 BITECH-5713 Datasheet
121Kb / 4P
   Precision Potentiometer
logo
Bourns Electronic Solut...
5713-RC BOURNS-5713-RC Datasheet
474Kb / 1P
   High Current Toroid Inductors
logo
Molex Electronics Ltd.
57130-6000 MOLEX-57130-6000 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
57131-6000 MOLEX-57131-6000 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
More results

Similar Description - 5713R20KL.50XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
   3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 15-Jun-07
logo
Bi technologies
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com