Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7720-3A Datasheet(PDF) 4 Page - Bi technologies

Part # 7720-3A
Description  Power Factor Correction Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7720-3A Datasheet(HTML) 4 Page - Bi technologies

  7720-3A Datasheet HTML 1Page - Bi technologies 7720-3A Datasheet HTML 2Page - Bi technologies 7720-3A Datasheet HTML 3Page - Bi technologies 7720-3A Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7-30
1.800
2.230 Max.
.950
1.100
±.015
(CL to CL)
.240
±.015
Date Code
Lot No.
7720-1A
.200
1.380 Max.
Pin #1
Pin .020 x .040
13 Places
Marking
Surface
4x R.215
4x Ø .280 x .060 Deep
4x Ø .150 Thru
.300
±.010
.200
6x
OUTLINE DIMENSIONS (Inch)
Model 7720 Series
ORDERING INFORMATION
77
2
0
1A
Model
Package Size
Power Level:
-1A = 1,500W to 3,000W
-2A = 1,000W to 2,250W
-3A = 500W to 1,500W
Circuit Function:
0 = Power Factor Correction


Similar Part No. - 7720-3A

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7720-3A BITECH-7720-3A Datasheet
237Kb / 6P
   PFC DESIGN TIPS & TECHNIQUES
7720-3A BITECH-7720-3A Datasheet
60Kb / 4P
   Power Factor Correction Module
More results

Similar Description - 7720-3A

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7720-1A BITECH-7720-1A Datasheet
60Kb / 4P
   Power Factor Correction Module
7700 BITECH-7700 Datasheet
87Kb / 8P
   Power Factor Correction Power Module
7700B BITECH-7700B Datasheet
87Kb / 8P
   Power Factor Correction Power Module
logo
Sensitron
PFCM-1500M SENSITRON-PFCM-1500M Datasheet
196Kb / 5P
   HERMETIC POWER FACTOR CORRECTION MODULE
logo
Astrodyne Corporation
PFC-375 ASTRODYNE-PFC-375 Datasheet
546Kb / 7P
   Univerter짰 Power Factor Correction Module
logo
IXYS Corporation
VUM33-06PH IXYS-VUM33-06PH Datasheet
344Kb / 8P
   Module for Power Factor Correction
logo
Sensitron
PFCM-1500C SENSITRON-PFCM-1500C Datasheet
198Kb / 5P
   NON-HERMETIC POWER FACTOR CORRECTION MODULE
logo
Powersem GmbH
PSBI9 POWERSEM-PSBI9 Datasheet
291Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI30 POWERSEM-PSBI30 Datasheet
127Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI33 POWERSEM-PSBI33 Datasheet
93Kb / 2P
   Rectifier Module for Power Factor Correction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com