Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320FCB10ZB6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M28W320FCB10ZB6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCB10ZB6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M28W320FCB10ZB6F Datasheet HTML 3Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 4Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 5Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 6Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 7Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 8Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 9Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 10Page - STMicroelectronics M28W320FCB10ZB6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
M28W320FCT, M28W320FCB
Summary description
7/69
1
Summary description
The M28W320FCT and M28W320FCB are 32 Mbit (2 Mbit x 16) non-volatile Flash
memories that can be erased electrically at the block level and programmed in-system on a
Word-by-Word basis. These operations can be performed using a single low voltage (2.7 to
3.6V) supply. VDDQ allows to drive the I/O pin down to 1.65V. An optional 12V VPP power
supply is provided to speed up customer programming.
The devices feature an asymmetrical blocked architecture. They have an array of 71 blocks:
8 Parameter Blocks of 4 KWord and 63 Main Blocks of 32 KWord. M28W320FCT has the
Parameter Blocks at the top of the memory address space while the M28W320FCB locates
the Parameter Blocks starting from the bottom. The memory maps are shown in Figure 4:
Block Addresses.
Both devices feature an instant, individual block locking scheme that allows any block to be
locked or unlocked with no latency, enabling instant code and data protection. All blocks
have three levels of protection. They can be locked and locked-down individually preventing
any accidental programming or erasure. There is an additional hardware protection against
program and erase. When VPP ≤ VPPLK all blocks are protected against program or erase.
All blocks are locked at Power Up.
Each block can be erased separately. Erase can be suspended in order to perform either
read or program in any other block and then resumed. Program can be suspended to read
data in any other block and then resumed. Each block can be programmed and erased over
100,000 cycles.
The device includes a Protection Register to increase the protection of a system design.
The Protection Register is divided into two segments, the first is a 64 bit area which contains
a unique device number written by ST, while the second is a 128 bit area, one-time-
programmable by the user. The user programmable segment can be permanently protected.
Figure 5, shows the Protection Register Memory Map.
Program and Erase commands are written to the Command Interface of the memory. An on-
chip Program/Erase Controller takes care of the timings necessary for program and erase
operations. The end of a program or erase operation can be detected and any error
conditions identified. The command set required to control the memory is consistent with
JEDEC standards.
The memory is offered in TSOP48 (10 X 20mm) and TFBGA47 (6.39 x 6.37mm, 0.75mm
pitch) packages and is supplied with all the bits erased (set to ’1’).
In order to meet environmental requirements, ST offers the M28W320FCT and
M28W320FCB in ECOPACK® packages.ECOPACK packages are Lead-free. The category
of second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.


Similar Part No. - M28W320FCB10ZB6F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W320FCB100N6E NUMONYX-M28W320FCB100N6E Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCB100N6F NUMONYX-M28W320FCB100N6F Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCB100ZB6E NUMONYX-M28W320FCB100ZB6E Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCB100ZB6F NUMONYX-M28W320FCB100ZB6F Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W320FCB10ZB6F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com