Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89XR5KTR Datasheet(PDF) 4 Page - Bi technologies

Part # 89XR5KTR
Description  3/4 Rectangular Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

89XR5KTR Datasheet(HTML) 4 Page - Bi technologies

  89XR5KTR Datasheet HTML 1Page - Bi technologies 89XR5KTR Datasheet HTML 2Page - Bi technologies 89XR5KTR Datasheet HTML 3Page - Bi technologies 89XR5KTR Datasheet HTML 4Page - Bi technologies 89XR5KTR Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGING
Standard: Boxes
Capacity
=
100 Units (89P)
50 Units (All other styles)
Option:
Tubes (Models 89P, 89PH, 89X, 89XH and 90P only.)
All units oriented with #1 pin to same side.
Magazine
Width
=
0.28”
Height
=
0.65”
Length
=
21.5”
Capacity
=
25 Units
Model 89
1-80
.30
± .01
7.62
± 0.25
.91
± .01
23.11
± 0.25
Circuit Diagram
Marked On This
Surface
Material:
Molded
Plastic
5/16-32 UNEF Thread
.375
± .010
9.525
± 0.254
.155
2.921
Screwdriver Hole
Dia. Min.
.375
± .010
9.525
± 0.254
.187
± .010
4.750
± 0.254
.187
± .010
4.750
± 0.254
Model 89B
PANEL MOUNT ADAPTER (Inch/mm)
STANDARD RESISTANCE VALUES, OHMS
10
200
5K
50K
500K
20
500
10K
100K
1Meg
50
1K
20K
200K
2Meg
100
2K
25K
250K


Similar Part No. - 89XR5KTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
More results

Similar Description - 89XR5KTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89PR10KLF BITECH-89PR10KLF_12 Datasheet
72Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PR10KLF BITECH-78PR10KLF Datasheet
62Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com