Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5713R50KL.50XX Datasheet(PDF) 1 Page - Bi technologies

Part # 5713R50KL.50XX
Description  3 Diameter Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5713R50KL.50XX Datasheet(HTML) 1 Page - Bi technologies

  5713R50KL.50XX Datasheet HTML 1Page - Bi technologies 5713R50KL.50XX Datasheet HTML 2Page - Bi technologies 5713R50KL.50XX Datasheet HTML 3Page - Bi technologies 5713R50KL.50XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2-55
Model 5710 Series
MODEL SERIES 5710
3” Diameter
Single Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
25 to 145K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity
±0.5%
Minimum Practical Independent Linearity
±0.5%, <75 Ohms
±0.25%, 75-249 Ohms
±0.15%, 250-6,999 Ohms
±0.075%,
≥7K Ohms
Power Rating, Watts
5.0 at 40°C derating to 0 at 105°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
358° ±1°
Tap Tolerance
±1°
End Voltage, Maximum
Within Std. Linearity Tolerance
ENVIRONMENTAL (MIL-R-12934)
MODEL STYLES
5711
1/4" Shaft, 1/2" Bushing
5713
1/4" Shaft, Servo
Operating Temperature Range
Static: –65°C to +105°C
Dynamic: -40°C to +125°C
Temperature Cycling
5 cycles, –65°C to +105°C
Shock, 6ms Half Sine
100G’s
Vibration
5G’s, 10 to 500 Hz
Moisture
Ten 24 hour cycles
High Temperature Exposure
1,000 hours at 105°C
Rotational Life
1 Mil. Shaft Rev.
Rotational Load Life
1 mil. shaft rev. plus 900 hrs. at rated wattage at 40°C
Specifications subject to change without notice.


Similar Part No. - 5713R50KL.50XX

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
   DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Bi technologies
5713 BITECH-5713 Datasheet
121Kb / 4P
   Precision Potentiometer
logo
Bourns Electronic Solut...
5713-RC BOURNS-5713-RC Datasheet
474Kb / 1P
   High Current Toroid Inductors
logo
Molex Electronics Ltd.
57130-6000 MOLEX-57130-6000 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
57131-6000 MOLEX-57131-6000 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
More results

Similar Description - 5713R50KL.50XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
   3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
Revision: 15-Jun-07
logo
Bi technologies
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com