Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8942IDT Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX8942IDT
Description  Low Dropout Dual Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8942IDT Datasheet(HTML) 5 Page - Microsemi Corporation

  LX8942IDT Datasheet HTML 1Page - Microsemi Corporation LX8942IDT Datasheet HTML 2Page - Microsemi Corporation LX8942IDT Datasheet HTML 3Page - Microsemi Corporation LX8942IDT Datasheet HTML 4Page - Microsemi Corporation LX8942IDT Datasheet HTML 5Page - Microsemi Corporation LX8942IDT Datasheet HTML 6Page - Microsemi Corporation LX8942IDT Datasheet HTML 7Page - Microsemi Corporation LX8942IDT Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LX8942
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2005
Rev. 1.2, 2006-01-20
Low Dropout Dual Regulator
TM
®
APPLICATION NOTE
The advantages of using a low-dropout regulator such as
the LX8942 are the need for less “headroom” for full
regulation, and the inherent reverse polarity protection
provided by the PNP output device. A typical NPN
regulator design requires an input to output differential of
approximately two volts minimum. This is due to the 2Vbe
+ Vcesat of the NPN Darlington used in the output, coupled
with the voltage drop across the current limit resistor. In
contrast, the “PNP Regulator” uses a single series pass
transistor with its single Vcesat, thus the lower input to
output voltage differential or dropout voltage.
In addition to a low dropout voltage, an important
advantage of the LX8942 series is low quiescent current in
the standby mode. When the high current or primary
regulator is shut off, the regulator enters a micropower
mode. Here all but the most essential circuitry to power the
standby output is deactivated. This allows the lowest
possible quiescent current (typical around 1.2mA), a vital
factor when used in a battery powered system.
In some applications the regulator output voltage is used
not only as a power supply but also as a voltage reference
for control systems. In such cases not just the temperature
stability of the output is important but also the initial
accuracy. The LX8942 fills this need as the internal
bandgap reference is trimmed allowing a typical output
voltage tolerance of ±1%.
EXTERNAL CAPACITORS
To stabilize the outputs and prevent oscillation (perhaps
by many volts) external capacitors are required. The
minimum recommended value for the output capacitors is
47μF for the 8.2V output and 100µF for the 5V output. The
actual size and type will likely vary according to the
particular application, e.g., operating temperature range and
load. Another consideration is the effective series resistance
(ESR) of the capacitor. Capacitor ESR will vary by
manufacturer. Consequently, some evaluation may be
required to determine the minimum value of the output
capacitors. Generally worst case occurs at the maximum
load and minimum ambient temperature.
The size of the output capacitor can be increased to any
value above the minimum. One possible advantage of this
would be to maintain the output voltage during brief
periods of negative input transients.
The output capacitors chosen should be rated for the full
range of ambient temperature over which the circuit will be
exposed and expected to operate. For example, many
aluminum type electrolytic capacitors will freeze at -30°C.
The effective capacitance is reduced to zero in such a
situation. Capacitors rated for -40°C operation must be
used in order to maintain regulator stability at that
temperature. Tantalum capacitors satisfy this requirement.
STANDBY OUTPUT
The LX8942 differs from most fixed voltage regulators
in that it is equipped with two regulator outputs instead of
one. The additional output is intended for use in systems
requiring standby memory circuits. While the high current
regulator output can be controlled with the ON/OFF pin
described below, the standby remains on under all
conditions as long as sufficient input voltage is applied to
the IC. Thus, memory and other circuits powered by this
output remain unaffected by positive line transients,
thermal shutdown, etc.
The standby regulator circuit is designed so that the
quiescent current to the IC is very low (<1.5mA) when the
other regulator output is off.
If the standby output is not required it can be disabled.
This is accomplished by connecting a resistor from the
standby output to the supply voltage, thereby also
eliminating the requirement for a more expensive output
capacitor to prevent unwanted oscillations. The resistor
value depends upon the minimum input voltage expected
for a given system. Since the standby output is shunted
with an internal 5.6V zener, the current through the
external resistor should be sufficient to bias internal
resistors up to this point. Approximately 60mA will
suffice, resulting in a 10k external resistor for most
applications (Figure 1).
R
D
10K
C3
Part
LX8942
VIN
Standby
Output
Figure 1 –
Disabling Standby Output to Eliminate C3


Similar Part No. - LX8942IDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940 MICROSEMI-LX8940 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
LX8940CP MICROSEMI-LX8940CP Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940CP MICROSEMI-LX8940CP Datasheet
211Kb / 6P
   5V Low Dropout Regulator
LX8940CP-TR MICROSEMI-LX8940CP-TR Datasheet
211Kb / 6P
   5V Low Dropout Regulator
More results

Similar Description - LX8942IDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055 MICROSEMI-SG29055_1 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com