Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7383R1KT2L.50XX Datasheet(PDF) 2 Page - Bi technologies

Part # 7383R1KT2L.50XX
Description  7/8 Diameter 3-Turn Wirewound Precision Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7383R1KT2L.50XX Datasheet(HTML) 2 Page - Bi technologies

  7383R1KT2L.50XX Datasheet HTML 1Page - Bi technologies 7383R1KT2L.50XX Datasheet HTML 2Page - Bi technologies 7383R1KT2L.50XX Datasheet HTML 3Page - Bi technologies 7383R1KT2L.50XX Datasheet HTML 4Page - Bi technologies 7383R1KT2L.50XX Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-104
Model 7380 Series
MECHANICAL
Total Mechanical Travel
1080° + 15° – 0°
Number of Gangs, Maximum
2
Weight, Nominal (single gang)
0.75 oz.
Backlash, Maximum
7381, 7386
7383
Static Stop Strength
60 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque, Maximum
25 lb.-in.
N/A
Shaft End Play, Maximum
.010”
.005”
Shaft Runout, T.I.R., Maximum
.003”
.002”
Pilot Diameter Runout, T.I.R., Maximum
.004”
.002”
Lateral Runout, T.I.R., Maximum
.005”
.004”
Shaft Radial Play, Maximum
.003”
.002”
Start/Run Torque, Maximum (per gang)
1.2 oz.-in.
0.9 oz.-in.
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
Static: –55°C to +125°C
Dynamic: –40°C to +125°C
Temperature Cycling
5 cycles, –55°C to +125°C (5%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
15G’s, 10 to 2,000 Hz (5%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Five 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 125°C (5%
∆R)
Rotational Load Life
300K shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)
Rotational Life Model 7388 (1 pound Side Load)
300K shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
100
0.059
±20 ppm/°C
200
0.037
±20 ppm/°C
500
0.030
±20 ppm/°C
1K
0.024
±20 ppm/°C
2K
0.020
±20 ppm/°C
5K
0.018
±20 ppm/°C
10K
0.017
±20 ppm/°C
20K
0.016
±20 ppm/°C


Similar Part No. - 7383R1KT2L.50XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7383 BITECH-7383 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Everlight Electronics C...
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
   Specially designed for applications
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
   Specially designed for applications
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
7383-R5C3-APSB EVERLIGHT-7383-R5C3-APSB Datasheet
108Kb / 8P
   Specially designed for applications
More results

Similar Description - 7383R1KT2L.50XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com